Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP6134 Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP6134
Description  600mA Low Dropout Linear Regulator with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6134 Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

  FP6134 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 8Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FP6134-2.2-APR-2014
FP6134
85T
fitipower integrated technology lnc.
Application Information
The FP6134 is a low dropout linear regulator that
could provide 600mA output current at dropout
voltage about 600mV.
Current limit and on chip
thermal
shutdown
features
provide
protection
against overload or any condition when the ambient
temperature
exceeds
the
maximum
junction
temperature.
Output and Input Capacitor
The FP6134 regulator is designed to be stable with a
wide range of output capacitors.
The ESR of the
output capacitor affects stability.
Larger value of the
output capacitor decreases the peak deviations and
improves transient response for larger current
changes.
The
capacitor
types
(aluminum,
ceramic,
and
tantalum) have different characterizations such as
temperature and voltage coefficients.
All ceramic
capacitors are manufactured with a variety of
dielectrics, each with different behavior across
temperature and applications.
Common dielectrics
used are X5R, X7R and Y5V.
It is recommended to
use 1µF to 10µF X5R or X7R dielectric ceramic
capacitors with 30m
Ω to 50mΩ ESR range between
device outputs and ground for stability.
The
FP6134 is designed to be stable with low ESR
ceramic capacitors and higher values of capacitors,
and ESR could improve output stability.
The ESR of
output capacitor is very important because it
generates a zero to provide phase lead for loop
stability.
There are no requirements for the ESR on the input
capacitor, but its voltage and temperature coefficient
have to be considered for device application
environment.
Protection Features
In order to prevent overloading or thermal condition
from damaging the device, FP6134 has internal
thermal and current limit functions designed to
protect the device.
It will rapidly shut off PMOS
pass element during over temperature condition.
Thermal Consideration
The power handling capability of the device will be
limited by allowable operation junction temperature
(125
C). The power dissipated by the device will
be estimated by PD = IOUT  (VIN-VOUT).
The power
dissipation should be lower than the maximum
power dissipation listed in “Absolute Maximum
Ratings” section.
Shutdown Operation
The FP6134 is shutdown by pulling the
input low and turned on by driving the
high.
If this function is not used, the
input should
be tied to VIN to keep the regulator on all the time
(the
must not be left floating).


Similar Part No. - FP6134

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6134 APITECH-FP6134 Datasheet
66Kb / 1P
   RF AMPLIFIER MODEL
FP6134PM APITECH-FP6134PM Datasheet
96Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - FP6134

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com