Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP6134 Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FP6134
Description  600mA Low Dropout Linear Regulator with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6134 Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FP6134 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 8Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FP6134-2.2-APR-2014
FP6134
85T
fitipower integrated technology lnc.
Electrical Characteristics
(VIN=VOUT+1V or VIN=2.8V whichever is greater,
pin connected to VIN, CIN=1µF, COUT=1µF, TA=25ºC,
unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Current Limit
ILIMIT
RLoad=1Ω
600
mA
Quiescent Current
IQ
IO= 0mA
30
50
µA
Standby Current
ISTBY
VIN=2.8~5V, Output Off
0.1
µA
Output Voltage Accuracy
V
OUT
IO= 1mA
-2
+2
%
Dropout Voltage (Note 4)
VDROP
IO=600mA
VOUT=1.5V
1550
1690
mV
VOUT=1.8V
1300
1420
VOUT=2.5V
800
900
VOUT=3.0V
650
730
VOUT=3.3V
600
670
Line Regulation
LINE
IO=1mA, VIN=VOUT +1V to 5V
1
5
mV
Load Regulation (Note 5)
V
LOAD
IO=0mA to 600mA
13
50
mV
Ripple Rejection (Note6)
PSRR
VIN=VOUT+1V , CBP=0.1µF
fRIPPLE = 120Hz, COUT = 1µF
60
dB
Temperature Coefficient
(Note 6)
T.C.
IOUT = 1mA, VIN = 5V
50
ppm/ºC
Thermal Shutdown
Temperature (Note 6)
TSD
160
ºC
T
SD
Hysteresis
25
ºC
Shutdown Pin Current
0.1
µA
Noise Bypass Terminal Voltage
(Note 6)
VREF
1.23
V
Shutdown Pin Voltage
(
Output ON
1.4
V
(
Output OFF
0.4
V
Shutdown Exit Delay Time
(Note 6)
T
CBP=0.1µF, COUT=1µF,
IOUT=30mA
300
µs
Note 4: The dropout voltage is defined as VIN-VOUT, which is measured when VOUT drops 2% of its normal value with the specified output
current.
Note 5: Load regulation and dropout voltage are measured at a constant junction temperature by using a 40ms low duty cyc le current
pulse.
Note 6: Guarantee by design.


Similar Part No. - FP6134

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6134 APITECH-FP6134 Datasheet
66Kb / 1P
   RF AMPLIFIER MODEL
FP6134PM APITECH-FP6134PM Datasheet
96Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - FP6134

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com