Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP6134 Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FP6134
Description  600mA Low Dropout Linear Regulator with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6134 Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FP6134 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 8Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FP6134-2.2-APR-2014
FP6134
85T
fitipower integrated technology lnc.
Block Diagram
Error
Amp
Current
Limit
Thermal
Shutdown
_
+
Vref
1.2V
VIN
VOUT
GND
RSEN
PMOS
R1
R2
Power
Shutdown
SHDN
BP
Figure 3. Block Diagram of FP6134
Absolute Maximum Ratings
● Supply Input Voltage (V
IN) -------------------------------------------------------------------------------------- +6V
● Power Dissipation SOT-23 (P
D) ------------------------------------------------------------------------------- +0.4W
● Package Thermal Resistance SOT-23 (θ
JA) --------------------------------------------------------------- +250ºC/W
● Maximum Junction Temperature (T
J) ------------------------------------------------------------------------ +150ºC
● Storage Temperature Range (T
S) ---------------------------------------------------------------------------- -65ºC to +150ºC
● Lead Temperature (Soldering, 10 sec.) (T
LEAD) ----------------------------------------------------------- +260ºC
Note:
tresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Input Voltage (V
IN) ------------------------------------------------------------------------------------------------ +2.8V to +5.5V
● Operating Temperature Range (T
OPR) ----------------------------------------------------------------------- -40ºC to +85ºC


Similar Part No. - FP6134

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6134 APITECH-FP6134 Datasheet
66Kb / 1P
   RF AMPLIFIER MODEL
FP6134PM APITECH-FP6134PM Datasheet
96Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - FP6134

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com