Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP6134 Datasheet(PDF) 2 Page - Fitipower Integrated Technology Inc.

Part # FP6134
Description  600mA Low Dropout Linear Regulator with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6134 Datasheet(HTML) 2 Page - Fitipower Integrated Technology Inc.

  FP6134 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 8Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FP6134-2.2-APR-2014
FP6134
85T
fitipower integrated technology lnc.
Typical Application Circuit
FP6134
VIN
GND
SHDN
VOUT
BP
VIN
VSHDN
VOUT
CIN
1µF
COUT
1µF
CBP
0.1µF
Figure 2. Typical Application Circuit of FP6134
Note 2:To prevent oscillation, it is recommended to use minimum 1µF X7R or X5R dielectric capacitors if ceramics are used as
input/output capacitors.
Functional Pin Description
Pin Name
Pin No.
Pin Function
VIN
1
Power is supplied to this device from this pin which requires an input filter capacitor.
In general, the input
capacitor in the range of 1µF to 10µF is sufficient.
GND
2
Common ground pin
3
Pull this pin high to enable IC, and pull this pin low to shutdown IC
BP
4
Reference Noise Bypass
VOUT
5
The output supplies power to loads.
The output capacitor is required to prevent output voltage from
oscillation. The FP6134 is stable with an output capacitor which is 1µF or greater.
The larger output
capacitor will be required for application with larger load transients.
The large output capacitor could
reduce output noise, improve stability and PSRR.


Similar Part No. - FP6134

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6134 APITECH-FP6134 Datasheet
66Kb / 1P
RF AMPLIFIER MODEL
FP6134PM APITECH-FP6134PM Datasheet
96Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP6134

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A Datasheet
272Kb / 7P
600mA Low Dropout Linear Regulator with Shutdown
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com