Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83772G Datasheet(PDF) 2 Page - Nuvoton Technology Corporation

Part # W83772G
Description  H/W Monitoring IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W83772G Datasheet(HTML) 2 Page - Nuvoton Technology Corporation

  W83772G Datasheet HTML 1Page - Nuvoton Technology Corporation W83772G Datasheet HTML 2Page - Nuvoton Technology Corporation W83772G Datasheet HTML 3Page - Nuvoton Technology Corporation W83772G Datasheet HTML 4Page - Nuvoton Technology Corporation W83772G Datasheet HTML 5Page - Nuvoton Technology Corporation W83772G Datasheet HTML 6Page - Nuvoton Technology Corporation W83772G Datasheet HTML 7Page - Nuvoton Technology Corporation W83772G Datasheet HTML 8Page - Nuvoton Technology Corporation W83772G Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Publication Release Date: July, 2008
- I -
Version: 1.3
W83772G
W83772G Data Sheet Revision History
PAGES
DATES
VERSION
VERSION ON
WEB
MAIN CONTENTS
1
n.a.
07/26/05
0.1
NA
For Nuvoton internal use only
2
08/10/05
0.2
For Nuvoton internal use only
3
08/25/05
0.31
For Nuvoton internal use only
4
10/31/05
0.32
1.
Change
part
number
from
W83L772G to W83772G.
2.
Modify the top marking
5
03/01/06
0.5
Preliminary datasheet.
6
04/27/06
1.0
1.
Update Chap 3.
2.
Update Chap7.6 and Chap 7.7
description.
3.
Add Chap 7.3
4.
Add Chap 8: PCB Layout Guide
5.
Update Chap 9
6.
Update
Chap
10.2:
DC
Characteristic Table
for SST,
ADDx and D+ pin
7.
Add Chap 11: Order Information
7
07/20/06
1.1
1.
Add Chap 9.1~9.5
“format of
command
”.
2.
Modify
Chap
10.3
AC
Characteristics
3.
Modify
the
Top
Marking
description
8
10/05/06
1.2
1.
Fix typo and format.
2.
Update top marking diagram
from 772W to 772G
9
07/01/08
1.3
1.
Change
from
Winbond
to
Nuvoton
2.
Fix typo


Similar Part No. - W83772G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
H/W Monitoring IC
More results

Similar Description - W83772G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
H/W Monitoring IC
W83781G WINBOND-W83781G Datasheet
790Kb / 54P
H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com