Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83772G Datasheet(PDF) 8 Page - Nuvoton Technology Corporation

Part # W83772G
Description  H/W Monitoring IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W83772G Datasheet(HTML) 8 Page - Nuvoton Technology Corporation

Back Button W83772G Datasheet HTML 4Page - Nuvoton Technology Corporation W83772G Datasheet HTML 5Page - Nuvoton Technology Corporation W83772G Datasheet HTML 6Page - Nuvoton Technology Corporation W83772G Datasheet HTML 7Page - Nuvoton Technology Corporation W83772G Datasheet HTML 8Page - Nuvoton Technology Corporation W83772G Datasheet HTML 9Page - Nuvoton Technology Corporation W83772G Datasheet HTML 10Page - Nuvoton Technology Corporation W83772G Datasheet HTML 11Page - Nuvoton Technology Corporation W83772G Datasheet HTML 12Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Publication Release Date: July, 2008
- 5 -
Version: 1.3
W83772G
7.5
Sensor Error Conditions
When the external diode is opened or shorted, the W83772G will return 0x8001 in response to either
the SST command GetExtTemp() or GetAllTemp() command. It will also return 0x8002/0x8003 when
detecting temperature below -128°C /above +128°C.
7.6
Conversion Time
W83772G provides 250mS conversion time for monitoring all temperature readings. The conversion
time is related to the internal self-generated clock.
The internal clock frequency is dependent on the
temperature. There is 10% frequency deviation in the operating temperature range of 0°C and 70°C.
7.7
Address Selection
W83772G has two address pins. These pins may be either tied to Vcc, ground or left open. After the
internal reset ends, pin ADD0/ADD1 will start to drive and sink current to detect the pin status
– HIGH,
LOW or FLOATING and then decide the SST address of W83772G. The address will be retained as
long as the VCC of W83772G is maintained. The recommended pull-up or pull-down resistor value is
330Ω. (Please refer to the DC specification for the source and sink current.) The pull-up power plane
must be the same as the VCC power of W83772G.
Figure 2.
W83772G
ADDx
VCC
R=330
Ω
VCC
GND
W83772G
ADDx
VCC
R=330
Ω
VCC
GND
W83772G
ADDx
VCC
VCC
GND
NC(Floating)


Similar Part No. - W83772G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
H/W Monitoring IC
More results

Similar Description - W83772G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
H/W Monitoring IC
W83781G WINBOND-W83781G Datasheet
790Kb / 54P
H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com