Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83772G Datasheet(PDF) 7 Page - Nuvoton Technology Corporation

Part # W83772G
Description  H/W Monitoring IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W83772G Datasheet(HTML) 7 Page - Nuvoton Technology Corporation

Back Button W83772G Datasheet HTML 3Page - Nuvoton Technology Corporation W83772G Datasheet HTML 4Page - Nuvoton Technology Corporation W83772G Datasheet HTML 5Page - Nuvoton Technology Corporation W83772G Datasheet HTML 6Page - Nuvoton Technology Corporation W83772G Datasheet HTML 7Page - Nuvoton Technology Corporation W83772G Datasheet HTML 8Page - Nuvoton Technology Corporation W83772G Datasheet HTML 9Page - Nuvoton Technology Corporation W83772G Datasheet HTML 10Page - Nuvoton Technology Corporation W83772G Datasheet HTML 11Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Publication Release Date: July, 2008
- 4 -
Version: 1.3
W83772G
7.3
Power-On Reset
The power-on reset threshold is 2.7V (typical). When Vcc crosses this threshold, the internal reset
signal will be asserted for 4mS. During this time period, W83772G is in the reset state. When the
internal reset signal is de-asserted, W83772G is in the operating state.
In the operating state, if Vcc drops below 2.4V and then rises above 2.7V, the internal reset signal will
be asserted immediately. Figure 1 illustrates the reset mechanism.
.
Figure 1.
7.4
Measured Temperature Data Format
The W83772G temperature data format of both remote and local temperature is 16-
bit two’s
complement format.
Table 1 shows some representative temperature data with 16-
bit two’s complement data format.
TEMPERATURE
16-BIT DIGITAL OUTPUT
+80°C
0001 0100 00
00 0000
+79.875°C
0001 0011 11
11 1000
+1°C
0000 0000 01
00 0000
+0°C
0000 0000 00
00 0000
-1°C
1111 1111 11
00 0000
- 5°C
1111 1110 11
00 0000
Integer Value
Fractional Value
Table 1. Temperature Data Format
0V
2.4V
2.7V
3.3V
VCC
Internal Reset Signal
4ms
4ms
2.7V
3.3V


Similar Part No. - W83772G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
H/W Monitoring IC
More results

Similar Description - W83772G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
H/W Monitoring IC
W83781G WINBOND-W83781G Datasheet
790Kb / 54P
H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com