Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83772G Datasheet(PDF) 6 Page - Nuvoton Technology Corporation

Part # W83772G
Description  H/W Monitoring IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W83772G Datasheet(HTML) 6 Page - Nuvoton Technology Corporation

Back Button W83772G Datasheet HTML 2Page - Nuvoton Technology Corporation W83772G Datasheet HTML 3Page - Nuvoton Technology Corporation W83772G Datasheet HTML 4Page - Nuvoton Technology Corporation W83772G Datasheet HTML 5Page - Nuvoton Technology Corporation W83772G Datasheet HTML 6Page - Nuvoton Technology Corporation W83772G Datasheet HTML 7Page - Nuvoton Technology Corporation W83772G Datasheet HTML 8Page - Nuvoton Technology Corporation W83772G Datasheet HTML 9Page - Nuvoton Technology Corporation W83772G Datasheet HTML 10Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Publication Release Date: July, 2008
- 3 -
Version: 1.3
W83772G
6.
PIN DESCRIPTION
PIN NAME
NO
PIN TYPE
DESCRIPTION
VCC
1
POWER
DC Power Supply Voltage Input 3.3V
10%.
GND
2
GROUND
Power Supply Ground
D+
3
AIN
Connect to Thermal Diode Anode
D-
4
AIN
Connect to Thermal Diode Cathode
ADD1
5
IO
For Address select
RES
6
Reserved
ADD0
7
IO
For Address select
SST
8
IO
Simple Serial Transport (SST) Interface
7.
FUNCTIONAL DESCRIPTION
7.1
General Description
The W83772G provides one remote temperature sensor input which could be connected to 2N3904
transistor, or CPU/GPU thermal diode, and one local on-chip thermal sensor to detect ambient
temperature.
The data format of monitored temperature is 16-
bit 2’s complement. The system interface is the 1-wire
SST access interface.
7.2
Access Interface
The W83772G provides SST interface to read/write internal registers, and the SST address is
xxxxxxxxb, respectively. Please refer to 7.7 Address Selection.


Similar Part No. - W83772G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
H/W Monitoring IC
More results

Similar Description - W83772G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
H/W Monitoring IC
W83781G WINBOND-W83781G Datasheet
790Kb / 54P
H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com