Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR8836CG Datasheet(PDF) 2 Page - Grenergy Opto, lnc.

Part # GR8836CG
Description  Green-Mode PWM Controller with Integrated Protections
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR8836CG Datasheet(HTML) 2 Page - Grenergy Opto, lnc.

  GR8836CG Datasheet HTML 1Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 2Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 3Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 4Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 5Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 6Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 7Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 8Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 9Page - Grenergy Opto, lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2010.04 Ver. 1.21 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
2
GR8836
Pin Configuration
DIP-8 (TOP VIEW)
SOT-26 (TOP VIEW)
Pin Description
Pin No.
Name
Function
1
GND
Ground
2
COMP
Voltage feedback pin, by connecting a photo-coupler to control the duty cycle
3
RT
Connecting a resistor to ground, this resistor determine the switching frequency
4
CS
Current sense pin, connect to sense the MOSFET current
5
VCC
Power supply pin
6
OUT
The output driver for driving the external MOSFET
Note: Pin No. is only for SOT-26 package.
Absolute Maximum Ratings
Supply voltage VCC
---------------------------------------------------------------------------------------------------------
30V
COMP, RT, CS
---------------------------------------------------------------------------------------------------------
-0.3 ~ 7V
OUT
-----------------------------------------------------------------------------------------------------------
-0.3 ~ VCC + 0.3V
Junction temperature
------------------------------------------------------------------------------------------------------- 150
Operating ambient temperature
------------------------------------------------------------------------------
-20
℃ ~ 85℃
Storage temperature range
----------------------------------------------------------------------------------
-65
℃ ~ 150 ℃
SOT-26 package thermal resistance
------------------------------------------------------------------------------
250
℃/W
Power dissipation (SOT-26, at ambient temperature = 85
℃) ------------------------------------------------ 250mW
Power dissipation (DIP-8, at ambient temperature = 85
℃) --------------------------------------------------- 650mW
Lead temperature (All Pb free packages, soldering, 10 sec)
--------------------------------------------------
260
ESD voltage protection, human body model
--------------------------------------------------------------------------
3KV
ESD voltage protection, machine model
------------------------------------------------------------------------------
200V


Similar Part No. - GR8836CG

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR8830 GRENERGY-GR8830 Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830CG GRENERGY-GR8830CG Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830CL GRENERGY-GR8830CL Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830JG GRENERGY-GR8830JG Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830JL GRENERGY-GR8830JL Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
More results

Similar Description - GR8836CG

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
GR8874 GRENERGY-GR8874 Datasheet
904Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
   Green-Mode PWM Controller with Integrated Protections
12/11/2007
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com