Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR8836CG Datasheet(PDF) 10 Page - Grenergy Opto, lnc.

Part # GR8836CG
Description  Green-Mode PWM Controller with Integrated Protections
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR8836CG Datasheet(HTML) 10 Page - Grenergy Opto, lnc.

Back Button GR8836CG Datasheet HTML 5Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 6Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 7Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 8Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 9Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 10Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 11Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 12Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 13Page - Grenergy Opto, lnc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2010.04 Ver. 1.21 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
10
GR8836
Typical Application Circuit
D3A~D
1N4007*4
F1
2A/250V
C2
33u/400V
L
N
T1A
EE22
C4
1000u/25V
IC1B
EL817
T1B
C6
10u/50V
D1
1N4007
C8
0.1u
R12
10K
D2
1N4007
R7
51K
C3
2200P/1KV
R2
10R
R1A,B
22R//22R
C1
1000P/500V
L2
R3*15:0.7*15Ts
C5
100u/25V
VOUT
GND
IC3
KA431AZ
R11
470R
IC1A
EL817
R13
10K
CY1
1KP
R6
750K
R5
750K
C7
0.01u
R10
27R
RS1
100R
Q1
2A/600V
RS2
2.4R//2.4R
R3
NC
R4
NC
L1
UU9.8
CX1
0.1u
R9
5.1K
D4
10A/100V
CS1
100P
COMP
2
RT
3
OUT
6
CS
4
IC2
GR8836
R14
2.63K
12V/1.5A
NTC1
5OHM/3A
R8
51K
R1
100K
R15
10K


Similar Part No. - GR8836CG

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR8830 GRENERGY-GR8830 Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830CG GRENERGY-GR8830CG Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830CL GRENERGY-GR8830CL Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830JG GRENERGY-GR8830JG Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830JL GRENERGY-GR8830JL Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
More results

Similar Description - GR8836CG

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
GR8874 GRENERGY-GR8874 Datasheet
904Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
   Green-Mode PWM Controller with Integrated Protections
12/11/2007
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com