Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR8836CG Datasheet(PDF) 8 Page - Grenergy Opto, lnc.

Part # GR8836CG
Description  Green-Mode PWM Controller with Integrated Protections
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR8836CG Datasheet(HTML) 8 Page - Grenergy Opto, lnc.

Back Button GR8836CG Datasheet HTML 4Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 5Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 6Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 7Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 8Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 9Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 10Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 11Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 12Page - Grenergy Opto, lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
2010.04 Ver. 1.21 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
8
GR8836
Application Information
Start-up Current
The typical start-up current is 8uA.
Very low
start-up current allows the PWM controller to
increase the value of start-up resistor and then
reduce the power dissipation on it.
Under-voltage Lockout (UVLO)
A hysteresis UVLO comparator is implemented in
GR8836, then the turn-on and turn-off thresholds
level are fixed at 15V and 9V respectively.
This
hysteresis shown in Fig.13 ensures that the start-up
capacitor will be adequate to supply the chip during
start-up.
Fig.13
Soft Start
During initial power on, the GR8836 provides soft
start function.
It effectively suppresses the start up
peak current to reduce the power MOSFET drain
voltage especially at high line.
Oscillator
The maximum duty-cycle of internal oscillator is
limited
about
75%
to
avoid
the
transformer
saturation.
The frequency of the oscillator is
decided by an external resistor connected from RT
pin to ground.
fosc = 6500KHz/R (Kohm)
Where R is the resistor connected at RT pin.
A
100Kohm resistor results in 65KHz switching
frequency.
The recommended range of oscillation
frequency is 50 KHz~130 KHz
.
Green-Mode Operation
When the load decreases to an extent, the
frequency of the controller will decrease so as to
reduce
the
system
power
consumption.
The
minimum frequency is about 20 KHz, which is
outside the audio range
.
Leading-edge Blanking (LEB)
Each time the power MOSFET is switched on, a
turn-on spike will inevitably occur at the sense
resistor. To avoid fault trigger, a 350ns leading-edge
blanking time is built in. Conventional RC filtering
can therefore be omitted. During this blanking
period, the current-limit comparator is disabled and
can not switch off the gate driver.
Internal Slope Compensation
A built-in slope compensation circuit is constructed
in GR8836. When the switch is on, a ramp voltage
is added to the sensed voltage across the CS pin,
which helps to stabilize the system and prevent
sub-harmonic oscillations
.
Over-load Protection (OLP)
The controller has over load protection function.
An internal circuit detects the load level, when the
load is larger than a threshold and the condition
lasts more than 60ms, the gate output will keep low
level.
Then VCC decreases below UVLO off level,
the controller resets again.
Fig.14 shows the
waveform of the OLP operation.


Similar Part No. - GR8836CG

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR8830 GRENERGY-GR8830 Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830CG GRENERGY-GR8830CG Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830CL GRENERGY-GR8830CL Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830JG GRENERGY-GR8830JG Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830JL GRENERGY-GR8830JL Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
More results

Similar Description - GR8836CG

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
GR8874 GRENERGY-GR8874 Datasheet
904Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
   Green-Mode PWM Controller with Integrated Protections
12/11/2007
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com