Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR8836CG Datasheet(PDF) 6 Page - Grenergy Opto, lnc.

Part # GR8836CG
Description  Green-Mode PWM Controller with Integrated Protections
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR8836CG Datasheet(HTML) 6 Page - Grenergy Opto, lnc.

Back Button GR8836CG Datasheet HTML 2Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 3Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 4Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 5Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 6Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 7Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 8Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 9Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 10Page - Grenergy Opto, lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2010.04 Ver. 1.21 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
6
GR8836
Typical Performance Characteristics
Fig. 1
UVLO (on) vs. Temperature
Temperature (°C)
14.0
14.4
14.8
15.2
15.6
16.0
-40
0
40
80
120 125
Temperature (°C)
Fig. 2
UVLO (off ) vs. Temperature
8
9.6
10.4
12
8.8
-40
0
40
80
120 125
11.2
Fig. 3
Frequency vs. Temperature
Temperature (°C)
-40
60
62
64
66
68
70
0
40
80
120 125
Temperature (°C)
Fig. 4
Green Mode Frequency vs. Temperature
16
18
20
22
24
26
-40
0
40
80
120 125
Vcc (V)
Fig. 5
Frequency vs. Vcc
12
14
16
18
20
22
24
60
11
25
62
64
66
68
70
Vcc (V)
Fig. 6
Max Duty vs. Vcc
12
14
16
18
20
22
24
68
11
25
70
72
74
76
78


Similar Part No. - GR8836CG

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR8830 GRENERGY-GR8830 Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830CG GRENERGY-GR8830CG Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830CL GRENERGY-GR8830CL Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830JG GRENERGY-GR8830JG Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830JL GRENERGY-GR8830JL Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
More results

Similar Description - GR8836CG

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
GR8874 GRENERGY-GR8874 Datasheet
904Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
   Green-Mode PWM Controller with Integrated Protections
12/11/2007
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com