Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR8836CG Datasheet(PDF) 4 Page - Grenergy Opto, lnc.

Part # GR8836CG
Description  Green-Mode PWM Controller with Integrated Protections
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR8836CG Datasheet(HTML) 4 Page - Grenergy Opto, lnc.

  GR8836CG Datasheet HTML 1Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 2Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 3Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 4Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 5Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 6Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 7Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 8Page - Grenergy Opto, lnc. GR8836CG Datasheet HTML 9Page - Grenergy Opto, lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2010.04 Ver. 1.21 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
4
GR8836
Electrical Characteristics (TA = +25℃ unless otherwise stated, VCC = 15.0V)
Parameter
Pin
Min.
Typ.
Max.
Unit
SUPPLY VOLTAGE
Startup current
5
8
20
uA
Operating current (with 1nF load on OUT pin), Vcomp = 0V
5
2.0
mA
Operating current (with 1nF load on OUT pin), Vcomp = 2.5V
5
2.5
mA
Operating current (with 1nF load on OUT pin), protection tripped
(OLP, OVP)
5
0.5
mA
UVLO(off)
5
8.0
9.0
10.0
V
UVLO(on)
5
13.3
15.0
17
V
OVP level on VCC pin
5
26.5
28
29.5
V
VOLTAGE FEEDBACK
Short circuit current, Vcomp = 0V
2
1
mA
Open loop voltage, COMP pin open
2
4.5
V
Green-mode threshold voltage
2
1.8
V
CURRENT SENSING
Maximum input voltage, Vcs (off)
4
0.85
0.90
0.95
V
Leading-edge blanking time
4
350
nS
Input impedance
4
1
M
Ω
Delay to Output
4
100
nS
OSCILLATOR
Frequency (RT = 100K
Ω)
3
60
65
70
KHz
Jitter frequency
3
±3
%
Green mode frequency (RT = 100K
Ω)
3
18
22
30
KHz
Temp. stability (-40°C ~ 110°C)
3
3
%
Voltage stability (VCC = 11V ~ 25V)
3
1
%
GATE DRIVER OUTPUT
Output low level, VCC = 15V, Io = 20mA
6
1
V
Output high level, VCC = 15V, Io = 20mA
6
8
V
Rising time, load capacitance = 1000pF
6
250
nS
Falling time, load capacitance = 1000pF
6
70
nS
VGATE-clamp (VCC = 25V )
6
18
V
OLP
OLP trip level, Vcomp (OLP)
-
3.7
V
OLP delay time , Fs = 65KHz
-
60
mS
PWM SECTION
Maximum duty cycle
-
70
75
80
%
Soft start time, Fs = 65KHz
-
3.5
mS


Similar Part No. - GR8836CG

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR8830 GRENERGY-GR8830 Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830CG GRENERGY-GR8830CG Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830CL GRENERGY-GR8830CL Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830JG GRENERGY-GR8830JG Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
GR8830JL GRENERGY-GR8830JL Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
More results

Similar Description - GR8836CG

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
GR8874 GRENERGY-GR8874 Datasheet
904Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
   Green-Mode PWM Controller with Integrated Protections
12/11/2007
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com