Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1507-33D5-13 Datasheet(PDF) 8 Page - Bookly Micro electronic

Part # BM1507-33D5-13
Description  3A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

BM1507-33D5-13 Datasheet(HTML) 8 Page - Bookly Micro electronic

Back Button BM1507-33D5-13 Datasheet HTML 4Page - Bookly Micro electronic BM1507-33D5-13 Datasheet HTML 5Page - Bookly Micro electronic BM1507-33D5-13 Datasheet HTML 6Page - Bookly Micro electronic BM1507-33D5-13 Datasheet HTML 7Page - Bookly Micro electronic BM1507-33D5-13 Datasheet HTML 8Page - Bookly Micro electronic BM1507-33D5-13 Datasheet HTML 9Page - Bookly Micro electronic BM1507-33D5-13 Datasheet HTML 10Page - Bookly Micro electronic BM1507-33D5-13 Datasheet HTML 11Page - Bookly Micro electronic BM1507-33D5-13 Datasheet HTML 12Page - Bookly Micro electronic  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BM1507
150KHz, 3A PWM BUCK DC/DC CONVERTER
Typical Characteristics (cont.)
1.7
10
1.6
VCC = 12V
IO = 100mA
0
-10
THRESHOL
D VOLTAGE
(V) 1.4
1.5
ON/
CURRENT
(nA)-30
OFF
-20
1.3
-40
1.2
-50
1.1
-60
-70
1.0
-80
0.9
VIN = 12V
-90
0.8
-50 -30 -10 10 30 50 70 90 110 130 50
1
TEMPERATURE (°C)
Threshold Voltage vs. Temperature
-100
0
69121518
3
ON/OFF VOLTAGE (V)
ON/OFF Current vs. ON/OFF Voltage
21
170
10
VCC = 12V
IO = 500mA
VOUT = 5V
VCC = 12V
VOUT = 5V
VFB = 1.3V
FEEDBACK
CURRENT
(nA)-10
0
165
FREQUENC
Y (KHz)
160
155
-20
150
-30
145
-40
140
-50 -30 -10 10 30 50 70 90 110 130 50
1
TEMPERATURE (°C)
Frequency vs. Temperature
-50
-50 -30 -10 10 30 50 70 90 110 130 150
TEMPERATURE (°C)
Feedback Current vs. Temperature
3.5
3.45
3.4
VOLTAGE
OUTPUT (V)
3.35
3.3
3.25
3.2
3.15
3.1
3.05
3.0
2.95
2.9
-40 -2
VIN = 12V
IO = 3A
20 40 60 80 100 120 140 160
0
TEMPERATURE (°C)
Output Voltage vs. Temperature
8 of 12
www.bookly.com


Similar Part No. - BM1507-33D5-13

ManufacturerPart #DatasheetDescription
logo
Power-One
BM1501-7R POWER-ONE-BM1501-7R Datasheet
146Kb / 4P
50 Watt DC-DC Converters
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
PWM BUCK DC/DC CONVERTER
BM1509HV-12V BOOKLY-BM1509HV-12V Datasheet
656Kb / 6P
PWM BUCK DC/DC CONVERTER
BM1509HV-3.3V BOOKLY-BM1509HV-3.3V Datasheet
656Kb / 6P
PWM BUCK DC/DC CONVERTER
BM1509HV-5V BOOKLY-BM1509HV-5V Datasheet
656Kb / 6P
PWM BUCK DC/DC CONVERTER
More results

Similar Description - BM1507-33D5-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com