Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1507-12D5-U Datasheet(PDF) 11 Page - Bookly Micro electronic

Part # BM1507-12D5-U
Description  3A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

BM1507-12D5-U Datasheet(HTML) 11 Page - Bookly Micro electronic

Back Button BM1507-12D5-U Datasheet HTML 4Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 5Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 6Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 7Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 8Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 9Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 10Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 11Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 12Page - Bookly Micro electronic  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BM1507
150KHz, 3A PWM BUCK DC/DC CONVERTER
Package Outline Dimensions (All Dimensions in mm)
Package Type: TO252-5L
TO252-5L
Dim Min Max Typ
A 2.19 2.39 2.29
A1 0.00 0.13 0.08
A2 0.97 1.17 1.07
b0.51 0.71 0.583
E
b3
A
c2
L3
0.61
5.21
0.45
6.00
0.79 0.70
5.46 5.33
0.58 0.531
6.20 6.10
b2
b3
c2
D
A2
E1
D
H
5.21
6.45
4.32
−−
9.40 10.41 9.91
1.40 1.78 1.59
0.88 1.27 1.08
1.27
6.58
6.70
D1
e
A1
E
E1
L
H
L
L3
e
5X b2
5X b
a
a
10°
All Dimensions in mm
Suggested Pad Layout
Package Type: TO252-5L
Value (in mm)
5.6
0.6
11.0
X
Dimen ons
si
X
X1
Y
Y1
5.6
2.0
7.2
1.27
Y1
Y2
C1
C2
Y
C1
Y2
X1
C2
11 of 12
www.bookly.com


Similar Part No. - BM1507-12D5-U

ManufacturerPart #DatasheetDescription
logo
Power-One
BM1501-7R POWER-ONE-BM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-12V BOOKLY-BM1509HV-12V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-3.3V BOOKLY-BM1509HV-3.3V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-5V BOOKLY-BM1509HV-5V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
More results

Similar Description - BM1507-12D5-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com