Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1507-12D5-U Datasheet(PDF) 10 Page - Bookly Micro electronic

Part # BM1507-12D5-U
Description  3A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

BM1507-12D5-U Datasheet(HTML) 10 Page - Bookly Micro electronic

Back Button BM1507-12D5-U Datasheet HTML 4Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 5Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 6Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 7Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 8Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 9Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 10Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 11Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 12Page - Bookly Micro electronic  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
BM1507
150KHz, 3A PWM BUCK DC/DC CONVERTER
Ordering Information
BM1507 - XX XX X X
Packing
Output Version
Package
Lead Free
-U : Tube
-13 : Tape & Reel
Blank : Adjustable
33 : 3.3V
50 : 5.0V
12 : 12V
L : Lead Free
Blank : Green
D5 : TO252-5L
13” Tape and Reel
Tube/Bulk
Packaging
(Note 5)
Device
Package Code
Part Number
Quantity
Quantity
Part Number Suffix
Suffix
Pb
Lead-Free
BM1507-XXD5L-XX
BM1507-XXD5-XX
Note:
D5
D5
2500/Tape & Reel
2500/Tape & Reel
TO252-5L
80
-U
-13
TO252-5L
Not available
-13
5. Pad layout as shown on Bookly Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.bookly.com/datasheets/ap02001.pdf
Marking Information
(1) TO252-5L
( Top view )
Logo
Output Type :
Blank : Adjustable
1507-33 : 3.3V
1507-50 : 5.0V
1507-12 : 12V
Internal code
L : Lead Free
Blank : Green
Xth Week : 01~52
Year : "07" = 2007
"08" = 2008
1507 - XX
YY WW X X
10 of 12
www.bookly.com


Similar Part No. - BM1507-12D5-U

ManufacturerPart #DatasheetDescription
logo
Power-One
BM1501-7R POWER-ONE-BM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-12V BOOKLY-BM1509HV-12V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-3.3V BOOKLY-BM1509HV-3.3V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-5V BOOKLY-BM1509HV-5V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
More results

Similar Description - BM1507-12D5-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com