Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1507-12D5-U Datasheet(PDF) 9 Page - Bookly Micro electronic

Part # BM1507-12D5-U
Description  3A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

BM1507-12D5-U Datasheet(HTML) 9 Page - Bookly Micro electronic

Back Button BM1507-12D5-U Datasheet HTML 4Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 5Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 6Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 7Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 8Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 9Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 10Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 11Page - Bookly Micro electronic BM1507-12D5-U Datasheet HTML 12Page - Bookly Micro electronic  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BM1507
150KHz, 3A PWM BUCK DC/DC CONVERTER
Application Information
Pin Functions
+VIN
This is the positive input supply for the IC switching regulator.
A suitable input bypass capacitor must be present at this pin to
minimize voltage transie s and to supply the switching currents
nt
needed by the regulator.
than approximately 6in , only small improvements in heat
dissipation are realized. If further thermal improvements are
needed, double sided, multi-layer PC board with large copper
areas and/or airflow will be recommended.
2
Ground
Circuit ground.
The BM1507 (TO-252 package) junction temperature rises
above ambient temperature with a 3A load for various input and
output voltages. This data was taken with the circuit operating
as a buck-switching regulator with all components mounted n a
o
PC board to simulate the junction temperature under actual
operating conditions. This curve can be used for a quick check
for the approximate junction temperature for various conditions,
but there are many factors that can affect the junction
temperature. When load currents higher than 3A are used,
double sided or multi-layer PC boards with large copper are s
a
and/or airflow might be needed, especi ly for high ambient
al
temperatures and high output voltages.
Output
Internal switch. The voltage at this pin switches between
(+VIN – VSAT) and approximately – 0.5V, with a duty cycle of
approximately VOUT / VIN. To minimize coupling to sensitive
circuitry, the PC board copper area connected to this pin should
be kept at a minimum.
Feedback (FB)
For the best thermal performance, wide copper traces and
generous amounts of printed circuit board copper should be
used in the board layout. (One exception to this is the output
(switch) pin, which should not have large areas of copper.)
Large areas of copper provide the best transfer of heat (lower
thermal resistance) to the surrounding air, and moving air lowers
the thermal resistance even further.
Sens s the regulated output voltage to complete the feedback
e
loop.
ON/OFF (SD)
Allows the switching regulator circuit to be shutdown using logic
level signals thus dropping the total input supply current to
approximately 150uA. Pulling this pin below a threshold voltage
of approximately 1.3V turns the regulator on, and pulling this pin
above 1.3V (up to a maximum of 18V) shuts the regulator dow .
n
If this shutdown feature
not needed, the ON/OFF pin can be
is
wired to the ground pin.
Package thermal resistance and junction temperature rise
numbers are all approximate, and there are many factors that
will affect these numbers. Some of these factors include b ard
o
size, shape, thickness, position, location, and even board
temperature. Other factors are trace width, total printed circuit
copper area, copper thickness, single or double-sided, ulti-
m
layer board and the amount of solder on the board. The
effectiveness of the PC board to dissipate heat also depen s on
d
the size, quantity and spacing of other components on the
board, as well as whether the surrounding air is still or mov g.
in
Furthermore, some of these components such as the catch
diode will add heat to the PC board and the heat can vary as the
input voltage changes. For the inductor, depending on the
physical size, type of core material and the DC resistance, it
could either act as a heat sink taking heat away from the board,
or it could add heat to the board.
Thermal Considerations
The TO-252 surface mount package tab is designed to be
soldered to the copper on a printed circuit board. The copper
and the board are the heat sink for this package and the o her
t
heat producing components, such as the catch diode and
inductor. The PC board copper area that the package is
2
soldered to should be at least 0.8 in ,
and ideally should have
2 or more square inches of 2 oz. additional copper area which
improves the thermal characteristics. With copper areas greater
9 of 12
www.bookly.com


Similar Part No. - BM1507-12D5-U

ManufacturerPart #DatasheetDescription
logo
Power-One
BM1501-7R POWER-ONE-BM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-12V BOOKLY-BM1509HV-12V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-3.3V BOOKLY-BM1509HV-3.3V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-5V BOOKLY-BM1509HV-5V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
More results

Similar Description - BM1507-12D5-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com