Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1509HV-12V Datasheet(PDF) 1 Page - Bookly Micro electronic

Part # BM1509HV-12V
Description  PWM BUCK DC/DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

BM1509HV-12V Datasheet(HTML) 1 Page - Bookly Micro electronic

  BM1509HV-12V Datasheet HTML 1Page - Bookly Micro electronic BM1509HV-12V Datasheet HTML 2Page - Bookly Micro electronic BM1509HV-12V Datasheet HTML 3Page - Bookly Micro electronic BM1509HV-12V Datasheet HTML 4Page - Bookly Micro electronic BM1509HV-12V Datasheet HTML 5Page - Bookly Micro electronic BM1509HV-12V Datasheet HTML 6Page - Bookly Micro electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BM1509HV
150KHz, 2A PWM BUCK DC/DC CONVERTER
The BM1509HV are monolithic IC designed for a step-
down DC/DC converter, and own the ability of driving a
2A load without additional transistor. It saves board space.
The external shutdown function can be controlled by logic
level and then come into standby mode. The internal
compensation makes feedback control having good line and
load regulation without external design. Regarding protected
function, thermal shutdown is to prevent over temperature
operating from damage, and current limit is against over
current operating of the output switch. If current limit function
occurs and VFB is down below 0.5V, the switching frequency
will be reduced. The BM1509HV operates at a switching
frequency of 150KHz thus allow smaller sized filter
components than what would be needed with lower frequency
switching regulators. Other features include a guaranteed
+4% tolerance on output voltage under specified input voltage
and output load conditions, and +15% on the oscillator
frequency. The output version included fixed 3.3V, 5V, 12V,
and an adjustable type. The chips are available in a standard
8-lead SOP-8 package.
• Output Voltage: 3.3V, 5V, 12V and Adjustable Output
Version
• Adjustable Version Output Voltage Range, 1.23V to
18V+4%
• 150KHz +15% Fixed Switching Frequency
• Voltage Mode Non-Synchronous PWM Control
• Thermal-Shutdown and Current-Limit Protection
• ON/OFF Shutdown Control Input
• Operating Voltage can be up to 48V
• Output Load Current: 2A
• SOP-8 Packages
• Low Power Standby Mode
• Built-in Switching Transistor On Chip
• SOP-8: Available in “Green” Molding Compound
(No Br, Sb)
• Lead Free Finish/ RoHS Compliant (Note 1)
Applications
5
6
8
7
4
3
1
2
VIN
OUTPUT
FB
SD
GND
GND
GND
GND
BM1509HV
B
M
BOOKL
MICRO
LY
O
Description
Pin Assignments
Features
TOP VIEW
Simple High-Efficiency Step-Down Regulator
On-Card Switching Regulators
Positive to Negative Converter


Similar Part No. - BM1509HV-12V

ManufacturerPart #DatasheetDescription
logo
Power-One
BM1501-7R POWER-ONE-BM1501-7R Datasheet
146Kb / 4P
50 Watt DC-DC Converters
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
BM1507-12D5-13 BOOKLY-BM1507-12D5-13 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
BM1507-12D5-U BOOKLY-BM1507-12D5-U Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
BM1507-12D5L-13 BOOKLY-BM1507-12D5L-13 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - BM1509HV-12V

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
5A PWM BUCK DC/DC CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
3A PWM BUCK DC/DC CONVERTER
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7596 AITSEMI-A7596 Datasheet
638Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 150KHz, 3A PWM BUCK DC-DC CONVERTER
REV1.2
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
300Khz, 2.5A PWM Buck DC/DC Converter
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com