Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1507-12D5L-U Datasheet(PDF) 1 Page - Bookly Micro electronic

Part # BM1507-12D5L-U
Description  3A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

BM1507-12D5L-U Datasheet(HTML) 1 Page - Bookly Micro electronic

  BM1507-12D5L-U Datasheet HTML 1Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 2Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 3Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 4Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 5Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 6Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 7Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 8Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 9Page - Bookly Micro electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
www.bookly.com
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.bookly.com for more information about Bookly Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” p ducts are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
ro
and <1000ppm antimony compounds.
Notes:
Simple High-Efficiency Step-Down Regulator
On-Card Switching Regulators
Positive to Negative Converter
Applications
Halogen and Antimony Free. “Green” Device (Note 3)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Operating Voltage can be up to 36V max.
Output Load Current: 3A
Low Power Standby Mode
Built-in Switching Transistor On Chip
BM1507-XXD5L-XX
Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
BM1507-XXD5-XX
ON/OFF Shutdown Control Input
150KHz +15% Fixed Switching Frequency
Voltage Mode Non-Synchronous PWM Control
Thermal-Shutdown and Current-Limit Protection
Adjustable Version Output Voltage Range, 1.23V to 15V +4%
Output Voltage: 3.3V, 5V, 12V and Adjustable Output Version
Features
TO252-5L
Metal Tab GND
5 SD
4 FB
3 GND
2 Output
1 VIN
(Top View)
Pin Assignments
BM1507 is available in a 5-lead TO-252 lead-free or green package.
version included a fixed 3.3V, 5V, 12V, and an adjustable type.
load conditions, and +15% on the oscillator frequency. The output
tolerance on output voltage under specified input voltage and output
switching regulators. Other features include a guaranteed +4%
components than what would be needed with lower frequency
switching frequency of 150KHz thus allowing smaller sized filter
function occurred and VFB is down to 0.5V below, the switching
frequency will be reduced. The BM1507 series operates at a
against over current operating of the output switch. If the current limit
temperature operating from damaging the device, and current limit is
line and load regulation without an external design. Regarding the
protected function, the thermal shutdown is to prevent over
The internal compensation makes the feedback control have good
can be controlled by logic level and then come into standby mode.
board space can be saved easily. The external shutdown function
transistor. Due to reducing the number of external components, the
converter and is capable of driving a 3A load without an external
The BM1507 is a monolithic IC designed for a step-down DC/DC
Description
150KHz, 3A PWM BUCK DC/DC CONVERTER
BM1507


Similar Part No. - BM1507-12D5L-U

ManufacturerPart #DatasheetDescription
logo
Power-One
BM1501-7R POWER-ONE-BM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-12V BOOKLY-BM1509HV-12V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-3.3V BOOKLY-BM1509HV-3.3V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-5V BOOKLY-BM1509HV-5V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
More results

Similar Description - BM1507-12D5L-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com