Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1507-12D5L-U Datasheet(PDF) 4 Page - Bookly Micro electronic

Part # BM1507-12D5L-U
Description  3A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

BM1507-12D5L-U Datasheet(HTML) 4 Page - Bookly Micro electronic

  BM1507-12D5L-U Datasheet HTML 1Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 2Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 3Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 4Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 5Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 6Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 7Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 8Page - Bookly Micro electronic BM1507-12D5L-U Datasheet HTML 9Page - Bookly Micro electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BM1507
150KHz, 3A PWM BUCK DC/DC CONVERTER
Absolute Maximum Ratings (TA = 25°C) (Note4)
Symbol
ESD HBM
ESD MM
VCC
VSD
VFB
VOUT
Parameter
Human Body Model ESD Protection
Machine Model ESD Protection
Supply Voltage
ON/OFF Pin Input Voltage
Feedback Pin Voltage
Output Voltage to Ground
Power Dissipation
Storage Temperature
Operating Junction Temperature
Rating
2
200
+
36
-0.3 to +18
-0.3 to +18
-1
Internally Limited
-65 to +150
-40 to +125
4. Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings
only; functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device
reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time.
Unit
KV
V
V
V
V
V
W
o
o
C
C
PD
TST
TJ
Note:
Recommended Operating Conditions (TA = 25°C)
Symbol
IOUT
VOP
TA
Output Current
Operating Voltage
Operating Ambient Temperature
Parameter
Max
Min
Unit
3
3
2
+85
A
0
V
4.5
o
-20
C
4 of 12
www.bookly.com


Similar Part No. - BM1507-12D5L-U

ManufacturerPart #DatasheetDescription
logo
Power-One
BM1501-7R POWER-ONE-BM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-12V BOOKLY-BM1509HV-12V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-3.3V BOOKLY-BM1509HV-3.3V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-5V BOOKLY-BM1509HV-5V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
More results

Similar Description - BM1507-12D5L-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com