Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1509HV-ADJ Datasheet(PDF) 5 Page - Bookly Micro electronic

Part # BM1509HV-ADJ
Description  PWM BUCK DC/DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

BM1509HV-ADJ Datasheet(HTML) 5 Page - Bookly Micro electronic

  BM1509HV-ADJ Datasheet HTML 1Page - Bookly Micro electronic BM1509HV-ADJ Datasheet HTML 2Page - Bookly Micro electronic BM1509HV-ADJ Datasheet HTML 3Page - Bookly Micro electronic BM1509HV-ADJ Datasheet HTML 4Page - Bookly Micro electronic BM1509HV-ADJ Datasheet HTML 5Page - Bookly Micro electronic BM1509HV-ADJ Datasheet HTML 6Page - Bookly Micro electronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BM1509HV
150KHz, 2A PWM BUCK DC/DC CONVERTER
Unless otherwise specified, VIN = 12V for 3.3V, 5V, adjustable version and VIN = 18V for the 12V version. ILOAD = 0.5A
Specifications with boldface type are for full operating temperature range, the other type are for TJ = 25ºC.
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
IFB
Feedback Bias Current
VFB = 1.3V
(Adjustable version only)
-10
-50
nA
-100
FOSC
Oscillator Frequency
127
150
173
KHz
110
173
FSCP
Oscillator Frequency of
Short Circuit Protect
When current limit occurred
and VFB < 0.5V, Ta = 25 oC
10
30
50
KHz
VSAT
Saturation Voltage
IOUT = 2A
No outside circuit
VFB = 0V force driver on
1.25
1.4
V
1.5
DC
Max. Duty Cycle (ON)
VFB = 0V force driver on
100
%
Min. Duty Cycle (OFF)
VFB = 12V force driver off
0
ICL
Current Limit
Peak current
No outside circuit
VFB = 0V force driver on
3
A
IL
Output = 0
Output
Leakage
Current
No outside circuit
VFB = 12V force driver off
-200
uA
Output = -1
VIN = 22V
-5
mA
IQ
Quiescent Current
VFB = 12V force driver off
5
10
mA
ISTBY
Standby Quiescent
Current
ON/OFF pin = 5V
VIN = 22V
70
150
uA
200
VIL
ON/OFF Pin Logic Input
Threshold Voltage
Low (regulator ON)
-
1.3
0.6
V
VIH
High (regulator OFF)
2.0
-
IH
ON/OFF Pin Logic Input
Current
VLOGIC = 2.5V (OFF)
-0.01
uA
IL
ON/OFF Pin Input Current VLOGIC = 0.5V (ON)
-0.1
-1
θJA
Thermal Resistance
SOP-8
Junction to
case
15
oC/W
θJC
Thermal Resistance
with a copper area of
approximately 3 in2
SOP-8
Junction to
ambient
70
oC/W
B
M
BOOKL
MICRO
LY
O
Electrical Characteristics


Similar Part No. - BM1509HV-ADJ

ManufacturerPart #DatasheetDescription
logo
Power-One
BM1501-7R POWER-ONE-BM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
BM1507-12D5-13 BOOKLY-BM1507-12D5-13 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
BM1507-12D5-U BOOKLY-BM1507-12D5-U Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
BM1507-12D5L-13 BOOKLY-BM1507-12D5L-13 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - BM1509HV-ADJ

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
   5A PWM BUCK DC/DC CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7596 AITSEMI-A7596 Datasheet
638Kb / 9P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 150KHz, 3A PWM BUCK DC-DC CONVERTER
REV1.2
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
   300Khz, 2.5A PWM Buck DC/DC Converter
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com