Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1509HV Datasheet(PDF) 6 Page - Bookly Micro electronic

Part # BM1509HV
Description  PWM BUCK DC/DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

BM1509HV Datasheet(HTML) 6 Page - Bookly Micro electronic

  BM1509HV Datasheet HTML 1Page - Bookly Micro electronic BM1509HV Datasheet HTML 2Page - Bookly Micro electronic BM1509HV Datasheet HTML 3Page - Bookly Micro electronic BM1509HV Datasheet HTML 4Page - Bookly Micro electronic BM1509HV Datasheet HTML 5Page - Bookly Micro electronic BM1509HV Datasheet HTML 6Page - Bookly Micro electronic  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BM1509HV
150KHz, 2A PWM BUCK DC/DC CONVERTER
Specifications with boldface type are for full operating temperature range, the other type are for TJ = 25ºC.
Symbol
Parameter
Conditions
VMin
Typ.
VMax
Unit
BM1509HV-ADJ
FB
V
Output
Feedback
4.5V < VIN < 22V
0.2A < ILOAD < 2A
VOUT programmed for 3V
1.193
1.18
1.23
1.267
1.28
V
η
Efficiency
VIN = 12V, ILOAD=2A
76
76
%
BM1509HV-3.3V
OUT
V
Output Voltage
4.75V < VIN < 22V
0.2A < ILOAD < 2A
3.168
3.135
3.3
3.432
3.465
V
η
Efficiency
VIN = 12V, ILOAD = 2A
78
78
%
BM1509HV-5V
OUT
V
Output Voltage
7V < VIN < 22V
0.2A < ILOAD < 2A
4.8
4.75
5
5.2
5.25
V
η
Efficiency
VIN = 12V, ILOAD = 2A
83
83
%
BM1509HV-12V
OUT
V
Output Voltage
15V < VIN < 22V
0.2A < ILOAD < 2A
11.52
11.4
12
12.48
12.6
V
η
Efficiency
VIN = 15V, ILOAD = 2A
90
90
%
B
M
BOOKL
MICRO
LY
O
Electrical Characteristics


Similar Part No. - BM1509HV

ManufacturerPart #DatasheetDescription
logo
Power-One
BM1501-7R POWER-ONE-BM1501-7R Datasheet
146Kb / 4P
50 Watt DC-DC Converters
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
BM1507-12D5-13 BOOKLY-BM1507-12D5-13 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
BM1507-12D5-U BOOKLY-BM1507-12D5-U Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
BM1507-12D5L-13 BOOKLY-BM1507-12D5L-13 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - BM1509HV

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
5A PWM BUCK DC/DC CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
3A PWM BUCK DC/DC CONVERTER
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7596 AITSEMI-A7596 Datasheet
638Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 150KHz, 3A PWM BUCK DC-DC CONVERTER
REV1.2
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
300Khz, 2.5A PWM Buck DC/DC Converter
Rev 1.0 Sep. 29, 2004
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com