Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1507-33D5L-U Datasheet(PDF) 5 Page - Bookly Micro electronic

Part # BM1507-33D5L-U
Description  3A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

BM1507-33D5L-U Datasheet(HTML) 5 Page - Bookly Micro electronic

  BM1507-33D5L-U Datasheet HTML 1Page - Bookly Micro electronic BM1507-33D5L-U Datasheet HTML 2Page - Bookly Micro electronic BM1507-33D5L-U Datasheet HTML 3Page - Bookly Micro electronic BM1507-33D5L-U Datasheet HTML 4Page - Bookly Micro electronic BM1507-33D5L-U Datasheet HTML 5Page - Bookly Micro electronic BM1507-33D5L-U Datasheet HTML 6Page - Bookly Micro electronic BM1507-33D5L-U Datasheet HTML 7Page - Bookly Micro electronic BM1507-33D5L-U Datasheet HTML 8Page - Bookly Micro electronic BM1507-33D5L-U Datasheet HTML 9Page - Bookly Micro electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BM1507
150KHz, 3A PWM BUCK DC/DC CONVERTER
Electrical Characteristics (All Output Voltage Versions)
Unless otherwise specified, VIN = 12V for 3.3V, 5V, adjustable version and VIN = 18V for the 12V version. ILOAD = 0.5A
Specifications with boldface type are for full operating temperature range, the other type are for TJ = 25°C.
Symbol
Parameter
Typ
Max
-50
-100
175
17
5
Conditions
Min
Unit
VFB = 1.3V
IFB
Feedback Bias Current
-10
nA
( Adjustable Version Only )
150
125
FOSC
Oscillator Frequency
KHz
110
Oscillator Frequency of Short
Circuit Protect
When current limit Occurred and
o
VFB < 0.5V, TA = 25 C
FSCP
30
50
10
KHz
1.6
IOUT = 3A
VSAT
Saturation Voltage
1.4
No Outside Circuit
V
1.7
VFB = 0V Force Driver On
Max. Duty Cycle (ON)
Min. Duty Cycle (OFF)
100
0
VFB = 0V Force Driver On
DC
%
VFB = 12V Force Driver Off
5.5
Peak Current
ICL
Current Limit
4.5
No Outside Circuit
3.6
A
6.5
VFB = 0V Force Driver On
Output
leakage
current
No Outside Circuit
Output = 0V
-200
µA
ILEAK
VFB =12V Force Driver Off
Output = -1V
Quiescent Current
Standby Quiescent
Current
-5
5
VIN = 22V
mA
IQ
10
150
200
0.6
-
-0.01
-1
VFB = 12V Force Driver Off
mA
ON/OFF Pin = 5V
ISTBY
70
µA
VIN = 22V
VIL
VIH
IH
IL
θJA
-
ON/OFF Pin Logic Input Threshold Low (Regulator ON)
Voltage
ON/OFF Pin Logic Input Current
1.3
V
High (Regulator OFF)
2.0
VLOGIC = 2.5V (OFF)
µA
-0.1
10
ON/OFF Pin Input Current
Thermal Resistance
Thermal Resistance
with coppe area of approximately TO252-5L
r
2cm ×2cm
VLOGIC = 0.5V (ON)
o
TO252-5L
Junction to Case
C/W
θJC
Junction to
Ambient
50
oC/W
5 of 12
www.bookly.com


Similar Part No. - BM1507-33D5L-U

ManufacturerPart #DatasheetDescription
logo
Power-One
BM1501-7R POWER-ONE-BM1501-7R Datasheet
146Kb / 4P
50 Watt DC-DC Converters
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
PWM BUCK DC/DC CONVERTER
BM1509HV-12V BOOKLY-BM1509HV-12V Datasheet
656Kb / 6P
PWM BUCK DC/DC CONVERTER
BM1509HV-3.3V BOOKLY-BM1509HV-3.3V Datasheet
656Kb / 6P
PWM BUCK DC/DC CONVERTER
BM1509HV-5V BOOKLY-BM1509HV-5V Datasheet
656Kb / 6P
PWM BUCK DC/DC CONVERTER
More results

Similar Description - BM1507-33D5L-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com