Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1507 Datasheet(PDF) 7 Page - Bookly Micro electronic

Part # BM1507
Description  3A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

BM1507 Datasheet(HTML) 7 Page - Bookly Micro electronic

Back Button BM1507 Datasheet HTML 3Page - Bookly Micro electronic BM1507 Datasheet HTML 4Page - Bookly Micro electronic BM1507 Datasheet HTML 5Page - Bookly Micro electronic BM1507 Datasheet HTML 6Page - Bookly Micro electronic BM1507 Datasheet HTML 7Page - Bookly Micro electronic BM1507 Datasheet HTML 8Page - Bookly Micro electronic BM1507 Datasheet HTML 9Page - Bookly Micro electronic BM1507 Datasheet HTML 10Page - Bookly Micro electronic BM1507 Datasheet HTML 11Page - Bookly Micro electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BM1507
150KHz, 3A PWM BUCK DC/DC CONVERTER
Typical Characteristics
83
82
81
78
77
76
80
EFF
NCY
(%)
ICIE
79
78
77
76
75
74
73
72
-50 -30 -10 10 30 50 70 90 110 130 150
TEMPERATURE (°C)
Efficiency vs. Temperature
VIN = 12V
VOUT = V
5
IO = 3A
EFF
ENCY
(%)
ICI
75
74
73
72
VIN = 12V
VOUT = 3.3V
IO = 3A
71
70
-50 -30 -10 10 30 50 70 90 110 130 150
TEMPERATURE (°C)
Efficiency vs. Temperature
1.6
1.6
1.5
VCC = 12V
VFB = 0V
3A
SATURATIO
N VOLTAGE
(V) 1.3
1.4
SWI
H
CURRENT
LIMIT (A)
TC
1.4
2A
1.2
1.2
1.1
1A
1.1
1
0.5A
0.9
VCC = 12V
VFB = 0V
VSD = 0V
0.9
0.8
0.7
-50
0.7
-50
-25
0255075 100 125
TEMPERATURE (°C)
Switch Current Limit vs. Temperature
25
0255075 100
TEMPERATURE (°C)
Saturation Voltage vs. Temperature
-
125
15
14
SUPPLY
CURRENT
(mA)
VCC = 12V
No Load
VON = 0V
Switch ON
12
11
10
13
60
55
SUPPLY
CURRENT
(µA)
50
45
09
08
40
VCC = 12V
No Load
VOFF = 5V
Switch OFF
07
06
35
05
-50 -30 -10 10 30 50 70 90 110 130 50
1
TEMPERATURE (°C)
Supply Current vs. Temperature
30
-50 -30 -10 10 30 50 70 90 110 130 50
1
TEMPERATURE (°C)
Supply Current vs. Temperature
7 of 12
www.bookly.com


Similar Part No. - BM1507

ManufacturerPart #DatasheetDescription
logo
Power-One
BM1501-7R POWER-ONE-BM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-12V BOOKLY-BM1509HV-12V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-3.3V BOOKLY-BM1509HV-3.3V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
BM1509HV-5V BOOKLY-BM1509HV-5V Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
More results

Similar Description - BM1507

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com