Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WNM5002 Datasheet(PDF) 1 Page - Will Semiconductor Ltd.

Part # WNM5002
Description  Small Signal N-Channel, 50V, 0.50A, MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNM5002 Datasheet(HTML) 1 Page - Will Semiconductor Ltd.

  WNM5002 Datasheet HTML 1Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 2Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 3Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 4Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 5Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 6Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
WNM5002
Will Semiconductor Ltd.
1
2015/04/24 – Rev.1.0
WNM5002
Small Signal N-Channel, 50V, 0.50A, MOSFET
Features
Trench Technology
Supper high density cell design
Excellent ON resistance for higher DC current
HBM ESD protection >2 kV
Small package SOT-23
Applications
Driver: Relay, Solenoid, Lamps,Hammers etc.
Power supply converters circuit
Load/Power Switching for potable device
Http://www.willsemi.com
SOT-23
Pin configuration (Top view)
NF2 = Device Code
* = Month (A~Z)
Marking
Order information
VDS (V)
Typical Rds(on) (Ω)
50
1.3@ VGS=10V
1.4@ VGS=4.5V
2.1@ VGS=2.5V
ESD Rating: 2000V HBM
Device
Package
Shipping
WNM5002-3/TR
SOT-23
3000/Reel&Tape
D
S
1
2
3
G
D
S
G
Descriptions
The WNM5002 is N-Channel enhancement MOS
Field Effect Transistor. Uses advanced trench
technology and design to provide excellent RDS (ON)
with low gate charge. This device is suitable for use
in small signal switch. Standard Product WNM5002
is Pb-free and Halogen-free.


Similar Part No. - WNM5002

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNM01N10 WILLSEMI-WNM01N10 Datasheet
1Mb / 8P
Single N-Channel, 100V, 1.7A, Power MOSFET
WNM01N10-3/TR WILLSEMI-WNM01N10-3/TR Datasheet
1Mb / 8P
Single N-Channel, 100V, 1.7A, Power MOSFET
WNM01N11 WILLSEMI-WNM01N11 Datasheet
1Mb / 8P
Single N-Channel, 110V, 1.8A, Power MOSFET
WNM01N11-6/TR WILLSEMI-WNM01N11-6/TR Datasheet
1Mb / 8P
Single N-Channel, 110V, 1.8A, Power MOSFET
WNM2016 WILLSEMI-WNM2016 Datasheet
851Kb / 7P
N-Channel, 20V, 3.2A, Power MOSFET
More results

Similar Description - WNM5002

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNM3013 WILLSEMI-WNM3013 Datasheet
1Mb / 8P
Small Signal N-Channel, 50V, 0.25A, MOSFET
WNM3018 WILLSEMI-WNM3018 Datasheet
2Mb / 8P
Small Signal N-Channel, 50V, 0.2A, MOSFET
WNM3019 WILLSEMI-WNM3019 Datasheet
1Mb / 8P
Small Signal N-Channel, 50V, 0.2A, MOSFET
logo
Fairchild Semiconductor
2N7002MTF FAIRCHILD-2N7002MTF_01 Datasheet
116Kb / 5P
N-Channel Small Signal MOSFET
logo
Weitron Technology
2N7002 WEITRON-2N7002 Datasheet
473Kb / 4P
Small Signal MOSFET N-Channel
logo
Stanson Technology
2N7002 STANSON-2N7002 Datasheet
172Kb / 2P
N Channel Small Signal MOSFET
logo
ON Semiconductor
3LN01C ONSEMI-3LN01C Datasheet
259Kb / 6P
N-Channel Small Signal MOSFET
June, 2013
5LN01M ONSEMI-5LN01M Datasheet
259Kb / 6P
N-Channel Small Signal MOSFET
July, 2013
logo
Weitron Technology
2N7000 WEITRON-2N7000 Datasheet
173Kb / 4P
Small Signal MOSFET N-Channel
logo
ON Semiconductor
3LN01S ONSEMI-3LN01S Datasheet
262Kb / 6P
N-Channel Small Signal MOSFET
June, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com