Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WNM5002 Datasheet(PDF) 6 Page - Will Semiconductor Ltd.

Part # WNM5002
Description  Small Signal N-Channel, 50V, 0.50A, MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNM5002 Datasheet(HTML) 6 Page - Will Semiconductor Ltd.

  WNM5002 Datasheet HTML 1Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 2Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 3Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 4Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 5Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 6Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
WNM5002
Will Semiconductor Ltd.
6
2015/04/24 – Rev.1.0
T
ransient thermal response (Junction-to-Ambient)
1E-5
1E-4
1E-3
0.01
0.1
1
10
100
1000
1E-3
0.01
0.1
1
0.02
Single Pulse
0.05
0.1
0.2
Duty Cycle=0.5
Square Wave Pulse Duration (s)
PDM
t1
t2
1. Duty Cycle, D=t1/t2
2. Per Unit Base =RθJA= 176°C/W
3. TJM-TA = PDM RθJA
4. Surface Mounted


Similar Part No. - WNM5002

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNM01N10 WILLSEMI-WNM01N10 Datasheet
1Mb / 8P
   Single N-Channel, 100V, 1.7A, Power MOSFET
WNM01N10-3/TR WILLSEMI-WNM01N10-3/TR Datasheet
1Mb / 8P
   Single N-Channel, 100V, 1.7A, Power MOSFET
WNM01N11 WILLSEMI-WNM01N11 Datasheet
1Mb / 8P
   Single N-Channel, 110V, 1.8A, Power MOSFET
WNM01N11-6/TR WILLSEMI-WNM01N11-6/TR Datasheet
1Mb / 8P
   Single N-Channel, 110V, 1.8A, Power MOSFET
WNM2016 WILLSEMI-WNM2016 Datasheet
851Kb / 7P
   N-Channel, 20V, 3.2A, Power MOSFET
More results

Similar Description - WNM5002

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNM3013 WILLSEMI-WNM3013 Datasheet
1Mb / 8P
   Small Signal N-Channel, 50V, 0.25A, MOSFET
WNM3018 WILLSEMI-WNM3018 Datasheet
2Mb / 8P
   Small Signal N-Channel, 50V, 0.2A, MOSFET
WNM3019 WILLSEMI-WNM3019 Datasheet
1Mb / 8P
   Small Signal N-Channel, 50V, 0.2A, MOSFET
logo
Fairchild Semiconductor
2N7002MTF FAIRCHILD-2N7002MTF_01 Datasheet
116Kb / 5P
   N-Channel Small Signal MOSFET
logo
Weitron Technology
2N7002 WEITRON-2N7002 Datasheet
473Kb / 4P
   Small Signal MOSFET N-Channel
logo
Stanson Technology
2N7002 STANSON-2N7002 Datasheet
172Kb / 2P
   N Channel Small Signal MOSFET
logo
ON Semiconductor
3LN01C ONSEMI-3LN01C Datasheet
259Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
5LN01M ONSEMI-5LN01M Datasheet
259Kb / 6P
   N-Channel Small Signal MOSFET
July, 2013
logo
Weitron Technology
2N7000 WEITRON-2N7000 Datasheet
173Kb / 4P
   Small Signal MOSFET N-Channel
logo
ON Semiconductor
3LN01S ONSEMI-3LN01S Datasheet
262Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com