Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP110LQFP Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCLVP110LQFP
Description  LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP110LQFP Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVP110LQFP Datasheet HTML 1Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 2Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 3Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 4Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 5Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 6Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 7Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 8Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.ti.com
FEATURES
DESCRIPTION
LQFP PACKAGE
(TOP VIEW)
23 22 21 20 19
1 2
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
VCC
Q7
Q7
Q8
Q8
Q9
Q9
VCC
VCC
Q2
Q2
Q1
Q1
Q0
Q0
VCC
24
18
3
4
5 6 7
8
17
CDCLVP110
SCAS683A – JUNE 2002 – REVISED AUGUST 2002
LOW-VOLTAGE 1:10 LVPECL/HSTL
WITH SELECTABLE INPUT CLOCK DRIVER
Distributes One Differential Clock Input Pair
The
CDCLVP110
clock
driver
distributes
one
LVPECL/HSTL to 10 Differential LVPECL
differential clock pair of either LVPECL or HSTL
Clock Outputs
(selectable) input, (CLK0, CLK1) to ten pairs of
differential LVPECL clock (Q0, Q9) outputs with
Fully Compatible With LVECL/LVPECL/HSTL
minimum
skew
for
clock
distribution.
The
Single Supply Voltage Required,
±3.3-V or
CDCLVP110 can accept two clock sources into an
±2.5-V Supply
input multiplexer. The CLK0 input accepts either
Selectable Clock Input Through CLK_SEL
LVECL/LVPECL input signals, while CLK1 accepts an
HSTL input signal when operated under LVPECL
Low-Output Skew (Typ 15 ps) for
conditions. The CDCLVP110 is specifically designed
Clock-Distribution Applications
for driving 50-
Ω transmission lines.
VBB Reference Voltage Output for
The
VBB
reference
voltage
output
is
used
if
Single-Ended Clocking
single-ended input operation is required. In this case
Available in a 32-Pin LQFP Package
the VBB pin should be connected to CLK0 and
Frequency Range From DC to 3.5 GHz
bypassed to GND via a 10-nF capacitor.
Pin-to-Pin Compatible With MC100 Series
However, for high-speed performance up to 3.5 GHz,
EP111, ES6111, LVEP111, PTN1111
the differential mode is strongly recommended.
The CDCLVP110 is characterized for operation from
-40
°C to 85°C.
FUNCTION TABLE
CLK_SEL
ACTIVE CLOCK INPUT
0
CLK0, CLK0
1
CLK1, CLK1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCLVP110LQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP110 TI1-CDCLVP110 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTT TI1-CDCLVP1102RGTT Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP110LQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com