Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP110LQFP Datasheet(PDF) 3 Page - Texas Instruments

Part # CDCLVP110LQFP
Description  LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP110LQFP Datasheet(HTML) 3 Page - Texas Instruments

  CDCLVP110LQFP Datasheet HTML 1Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 2Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 3Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 4Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 5Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 6Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 7Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 8Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
PACKAGE THERMAL IMPEDANCE
LVECL DC ELECTRICAL CHARACTERISTICS
CDCLVP110
SCAS683A – JUNE 2002 – REVISED AUGUST 2002
VCC
Supply voltage
-0.3 V to 4.6 V
VI
Input voltage
-0.3 V to VCC + 0.5 V
VO
Output voltage
-0.3 V to VCC + 0.5 V
IIN
Input current
±20 mA
VEE
Negative supply voltage
-0.3 V to 4.6 V
IBB
Sink/source current
-1 to 1 mA
IO
DC output current
-50 mA
Tstg
Storage temperature range
-65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VCC
Supply voltage (relative to VEE)
2.375 2.5/3.3
3.8
V
TA
(1)
Operating free-air temperature
-40
85
°C
(1)
Operating junction temperature affects device lifetime. The continuous operation junction temperature is recommended to be at max
110
°C. The device ac and dc parameters are specified up to 85°C ambient temperature. See the PCB Layout Guidelines for
CDCLVP110 application note, literature number SCAA057 for more details.
TEST CONDITION
MIN
MAX
UNIT
0 LFM
78
°C/W
150 LFM
73
°C/W
Θ
JA
Thermal resistance junction to ambient(1)
250 LFM
71
°C/W
500 LFM
68
°C/W
Θ
JC
Thermal resistance junction to case
51
°C/W
(1)
According to JESD 51-7 standard.
Vsupply: V
CC = 0 V, VEE = -2.375 V to -3.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
-40
°C
40
78
IEE
Supply internal current
Absolute value of current
25
°C
45
82
mA
85
°C
48
85
-40
°C
343
Output and internal supply
ICC
All outputs terminated 50
Ω to V
CC - 2 V
25
°C
370
mA
current
85
°C
380
-40
°C,
IIN
Input current
Includes pullup/pulldown resistors
25
°C,
150
µA
85
°C
-40
°C
-1.38
-1.26
For VEE = -3 to -3.8 V, IBB = -0.2 mA
25
°C
-1.42
-1.26
Internally generated bias
85
°C
-1.45
-1.26
VBB
V
voltage
-40
°C,
VEE = -2.375 to -2.75 V, IBB = -0.2 mA
25
°C,
-1.38
-1.16
85
°C
-40
°C,
High-level input voltage
VIH
25
°C,
-1.165
-0.88
V
(CLK_SEL)
85
°C
3


Similar Part No. - CDCLVP110LQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP110 TI1-CDCLVP110 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTT TI1-CDCLVP1102RGTT Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP110LQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com