Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP110 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP110
Description  LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP110 Datasheet(HTML) 2 Page - Texas Instruments

  CDCLVP110 Datasheet HTML 1Page - Texas Instruments CDCLVP110 Datasheet HTML 2Page - Texas Instruments CDCLVP110 Datasheet HTML 3Page - Texas Instruments CDCLVP110 Datasheet HTML 4Page - Texas Instruments CDCLVP110 Datasheet HTML 5Page - Texas Instruments CDCLVP110 Datasheet HTML 6Page - Texas Instruments CDCLVP110 Datasheet HTML 7Page - Texas Instruments CDCLVP110 Datasheet HTML 8Page - Texas Instruments CDCLVP110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.ti.com
CLK_SEL
VBB
30
31
29
28
27
26
23
22
24
21
20
19
18
17
15
14
13
12
11
10
5
CLK0
CLK0
CLK1
CLK1
0
1
3
4
6
7
2
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q0
Q1
Q2
Q3
Q4
Q5
Q7
Q6
Q9
Q8
CDCLVP110
SCAS683A – JUNE 2002 – REVISED AUGUST 2002
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
CLK_SEL
2
Clock select. Used to select between CLK0 and CLK1 input pairs.
CLK0, CLK0
3, 4
Differential LVECL/LVPECL input pair
CLK1, CLK1
6, 7
Differential HSTL input pair
11, 13, 15, 18,
Q [9:0]
20, 22, 24, 27,
LVECL/LVPECL clock outputs, these outputs provide low-skew copies of CLKn.
29, 31
10, 12, 14, 17,
Q[9:0]
19, 21,23, 26,
LVECL/LVPECL complementary clock outputs, these outputs provide copies of CLKn.
28, 30
VBB
5
Reference voltage output for single-ended input operation
VCC
1, 9, 16, 25, 32
Supply voltage
VEE
8
Device ground or negative supply voltage in ECL mode
2


Similar Part No. - CDCLVP110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP110 TI1-CDCLVP110 Datasheet
675Kb / 14P
Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTT TI1-CDCLVP1102RGTT Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com