Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP110 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP110
Description  LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP110 Datasheet(HTML) 4 Page - Texas Instruments

  CDCLVP110 Datasheet HTML 1Page - Texas Instruments CDCLVP110 Datasheet HTML 2Page - Texas Instruments CDCLVP110 Datasheet HTML 3Page - Texas Instruments CDCLVP110 Datasheet HTML 4Page - Texas Instruments CDCLVP110 Datasheet HTML 5Page - Texas Instruments CDCLVP110 Datasheet HTML 6Page - Texas Instruments CDCLVP110 Datasheet HTML 7Page - Texas Instruments CDCLVP110 Datasheet HTML 8Page - Texas Instruments CDCLVP110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.ti.com
LVPECL/HSTL DC ELECTRICAL CHARACTERISTICS
CDCLVP110
SCAS683A – JUNE 2002 – REVISED AUGUST 2002
LVECL DC ELECTRICAL CHARACTERISTICS (continued)
Vsupply: V
CC = 0 V, VEE = -2.375 V to -3.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
-40
°C,
Low-level input voltage
VIL
25
°C,
-1.81
-1.475
V
(CLK_SEL)
85
°C
-40
°C,
VINPP
Input amplitude (CLK0, CLK0)
Difference of input 9 VIH-VIL , See Note
(1)
25
°C,
0.5
1.3
V
85
°C
-40
°C,
Common-mode voltage (CLK0,
VCM
Cross point of input 9 average (VIH, VIL)
25
°C,
VEE + 1
-0.3
V
CLK0)
85
°C
-40
°C
-1.26
-0.9
VOH
High-level output voltage
IOH = -21 mA
25
°C
-1.2
-0.9
V
85
°C
-1.15
-0.9
-40
°C
-1.85
-1.5
VOL
Low-level output voltage
IOL = -5 mA
25
°C
-1.85
-1.45
V
85
°C
-1.85
-1.4
-40
°C,
Terminated with 50
Ω to V
CC - 2 V, See
VOD
Differential output voltage swing
25
°C,
600
V
Figure 3
85
°C
(1)
VINPP minimum and maximum is required to maintain ac specifications, actual device function tolerates a minimum VINPP of 100 mV.
Vsupply: V
CC = 2.375 V to 3.8 V, VEE= 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
-40
°C
40
78
IEE
Supply internal current
Absolute value of current
25
°C
45
82
mA
85C
48
85
-40
°C
343
Output and internal
ICC
All outputs terminated 50
Ω to V
CC - 2 V
25
°C
370
mA
supply current
85
°C
380
-40
°C,
IIN
Input current
Includes pullup/pulldown resistors
25
°C,
150
µA
85
°C
-40
°C
VCC - 1.38
VCC - 1.26
VEE = -3 to -3.8 V, IBB= -0.2 mA
25
°C
VCC - 1.42
VCC - 1.26
Internally generated
85
°C
VCC - 1.45
VCC - 1.26
VBB
V
bias voltage
-40
°C,
VEE = -2.375 to -2.75 V, IBB = -0.2 mA
25
°C,
VCC - 1.38
VCC - 1.16
85
°C
High-level input voltage
VIH
-40
°C, 25°C, 85°C
VCC - 1.165
VCC - 0.88
V
(CLK_SEL)
Low-level input voltage
VIL
-40
°C, 25°C, 85°C
VCC - 1.81
VCC - 1.475
V
(CLK_SEL)
-40
°C,
Input amplitude (CLK0,
VINPP
Difference of input 9 VIH-VIL, see Note
(1)
25
°C,
0.5
1.3
V
CLK0)
85
°C
-40
°C,
Common-mode
VIC
Cross point of input 9 average (VIH, VIL)
25
°C,
1
VCC - 0.3
V
voltage (CLK0, CLK0)
85
°C
(1)
VINPP minimum and maximum is required to maintain ac specifications, actual device function tolerates a minimum VINPP of 100 mV.
4


Similar Part No. - CDCLVP110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP110 TI1-CDCLVP110 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTT TI1-CDCLVP1102RGTT Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com