Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS3201
Description  115.2 kbps infrared transceiver module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MS3201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS3201 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
������ ����� �������
������
��������
����������
����������
��
����
��
��
��
����
��
�������� ����
�����
�����
������
����
��
MS3201
Pin for
pin compatible
with
Agilient
HSDL-3201
with
reduced
power
consumption.
Figure 1
www.novalog.com
page 1
7604-0001EA
INTRODUCTION:
The MS3201 from Novalog is an IrDA 1.0 and 1.2 compli-
ant 115.2 kbps infrared transceiver module ideal for power
sensitive personal data transfer applications. Setting a new
industry benchmark the MS3201 will operate with the widest
available supply voltage range, 1.5V to 5.5V. The MS3201
is also compliant with Sharp ASK/DASK and Consumer IR
(TV Remote) specifications.
The MS3201 integrates an analog receiver, on-chip LED
driver, IR photodiode, IR LED transmitter, and voltage fil-
tering capacitor, Figure 1. Only one external current limiting
resistor is required. This external resistor should be selected
to optimize transmit distance and system power consump-
tion. An external metal shield is utilized on the MS3201 for
high EMI environments.
The MS3201 is optically compatible with Novalogʼs Mini-
SIR family but utilizing an alternative pin out for existing or
new applications. The new 8 pin footprint adds a separate
pin for analog ground.
FEATURES:
• IrDA 1.4 compliant.
• Compatible with IrFM specification.
• 0 to 30 cm transmit range.
• Data transfer rates from 9600 bps to 115.2 kbps.
• Evaluation board available to facilitate prototyping.
• Widest operating voltage range available in compliant
transceiver, 1.5V to 3.6V.
• Ultra low operating power consumption:
Shutdown Current (max)
0.2µA
Receiver Current (max)
160 µA
• Full industrial temperature range, -25˚C to +85˚C.
• Only one external resistor required.
• Ultra-low system receiver latency.
• IRRX output disabled during transmit.
• Separate pin to drive anode of IR LED transmitter.
• Supplied on Tape & Reel for automated assembly.
• Meets all European Eye Safety levels.
APPLICATIONS:
• Personal Digital Assistants (PDAs)
• Cellular Phones
• Pagers
• Financial Messaging (IrFM)
• Vending Machines
• Portable printers
• Digital Cameras
• Electronic Books
• Notebook computers
• MP3 players
• Storage peripherals
• Electronic identification
• Personal data transfer devices
115.2 kbps infrared transceiver module


Similar Part No. - MS3201

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MS320 ZSELEC-MS320 Datasheet
136Kb / 2P
3.0A SCHOTTKY BARRIER DIODE
logo
AMETHERM Circuit Protec...
MS320R536 AMETHERM-MS320R536 Datasheet
153Kb / 1P
Circuit Protection Thermistors
MS320R536 AMETHERM-MS320R536 Datasheet
29Kb / 2P
Erin Landis
MS320R536-B AMETHERM-MS320R536-B Datasheet
153Kb / 1P
Circuit Protection Thermistors
MS320R536 AMETHERM-MS320R536_14 Datasheet
29Kb / 2P
Erin Landis
More results

Similar Description - MS3201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Vishay Siliconix
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
TFDU4301-TT1 VISHAY-TFDU4301-TT1 Datasheet
207Kb / 12P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.5, 08-Jul-09
TFDU4101 VISHAY-TFDU4101_V01 Datasheet
438Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4101 VISHAY-TFDU4101_07 Datasheet
273Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Rev. 1.2, 04-Dec-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com