Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3201 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MS3201
Description  115.2 kbps infrared transceiver module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MS3201 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MS3201 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.novalog.com
page 5
7604-0001EA
Device Specifications:
Symbol
Parameter
Conditions
Min.
Typical
Max.
Units
I
DD
Supply Current
No received data, transmitter off @3.0V, T=25˚C
90
160
µA
I
SD
Shutdown Current SD=Logic High
0.001
0.2
µA
V
DD
Supply Voltage
1.5
3.6
V
Digital Input/Output:
Symbol
Parameter
Conditions
Min.
Typical
Max.
Units
V
IH
Input High
IRTX, SD inputs
0.6 V
DD
V
DD+0.5
µA
V
IL
Input Low
IRTX and SD inputs
-0.5
0.2 V
DD
µA
V
OH
Output High
IRRX = -250 µA @ 2.5V
1.5
V
V
OL
Output Low
IRRX = 0.3 mA
0.4
I
OL
Output Leakage
SD = Logic High
-1.0
+1.0
I
IL
Input Leakage
SD, IRTX = Logic Low
-1.0
+1.0
I
I
Input Current
IRTX = High, SD = Low
4.0
100.0
AC Parameters:
Symbol
Parameter
Conditions
Min.
Typical
Max.
Units
T
R
Recovery Delay
from Shutdown to Full Sensitivity
200
µS
T
SD
Shutdown Delay
200
µS
T
R/TF
Rise & Fall Time IRRX output, V
DD = 1.5 to 5.5V
100
nS
T
W
Pulse Width
IRRX output
1.0
2.5
µS
T
J
Pulse Jitter
IRRX output
400
nS
T
D
Pulse Delay
IRRX output
1.8
µS
T
W(max)
Max. Pulse Width IRTX=Logic 1>200µS
18
150
µS
T
L
Receiver Latency
17
50
µS
Transmitter:
Symbol
Parameter
Conditions
Min.
Typical
Max.
Units
Radiant Intensity
LED peak I
F = 300mA, IRTX = 1
46
100
mW/sr
Radiant Intensity
IRTX = 0
0.3
mW/sr
Half Instensity Angle
20
º
Optical Rise/Fall Time
40
nS
Peak Wavelength
850
875
900
nm
Optical Bandwidth
I
F=50mA
40
nm
Optical Overshoot
3
%
Receiver:
Symbol
Parameter
Conditions
Min.
Typical
Max.
Units
Detector Threshold Irradiance
2.5
3.5
µW/cm2
Overload Irradiance
500
µW/cm2
Half Angle (Photodiode)
35
º
Sunlight Ambient Rejection
no modulation
500
µW/cm2
MS3201 Electrical and Optical Characteristics


Similar Part No. - MS3201

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MS320 ZSELEC-MS320 Datasheet
136Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
logo
AMETHERM Circuit Protec...
MS320R536 AMETHERM-MS320R536 Datasheet
153Kb / 1P
   Circuit Protection Thermistors
MS320R536 AMETHERM-MS320R536 Datasheet
29Kb / 2P
   Erin Landis
MS320R536-B AMETHERM-MS320R536-B Datasheet
153Kb / 1P
   Circuit Protection Thermistors
MS320R536 AMETHERM-MS320R536_14 Datasheet
29Kb / 2P
   Erin Landis
More results

Similar Description - MS3201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Vishay Siliconix
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
TFDU4301-TT1 VISHAY-TFDU4301-TT1 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.5, 08-Jul-09
TFDU4101 VISHAY-TFDU4101_V01 Datasheet
438Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4101 VISHAY-TFDU4101_07 Datasheet
273Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Rev. 1.2, 04-Dec-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com