Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3201 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MS3201
Description  115.2 kbps infrared transceiver module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MS3201 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MS3201 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS3201 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.novalog.com
page 4
7604-0001EA
SD
Shutdown
Receive
Transmit
RX Light
IRRX
IRTX
TX Light
TR
TSD
TD
TR
TD
TR
AC Timing:
Device Operation:
The operating mode of the transceiver is controlled by the
SD (shutdown) input and the state of the transmitter input.
The device is enabled whenever the SD input is a logic low.
If the SD input is high IRTX is opened and the IRRXʼ output
is tri-stated and the device is said to be shutdown. If the SD
input is low half duplex operation is enabled. Care must be
taken to ensure that the transmitter input is low when not
transmitting (idle), this enables the receiver. Table 1 sum-
marizes the operating modes. Once the transmit input is
toggled (or from the last bit transmitted) the receiver is not
active for the recovery time, TR. The receive data output
Table 1:
SD input
IRTX input
IrLED
Receiver
IRRX Output
0
0
Off
Enabled
Valid Data
0
Toggling
Toggling
Disabled, for T
R min
Tri-State
1
x
Off
Shutdown
Tri-State
may be valid after the recovery time provided there is
received light.
The MS3201s transmitter LED (IrLED) radiant inten-
sity is proportional to the forward current (I
F) through
IrLED. System power consumption can be optimized
for each application by selection of an appropriate
external current limiting resistor. Transmit distance
may be approximated using the following equation;
D (meters) = √(I
F(amps)/0.3)
Current limiting resistors should be ±2% tolerance, non
inductive (not wire wound) type.


Similar Part No. - MS3201

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MS320 ZSELEC-MS320 Datasheet
136Kb / 2P
3.0A SCHOTTKY BARRIER DIODE
logo
AMETHERM Circuit Protec...
MS320R536 AMETHERM-MS320R536 Datasheet
153Kb / 1P
Circuit Protection Thermistors
MS320R536 AMETHERM-MS320R536 Datasheet
29Kb / 2P
Erin Landis
MS320R536-B AMETHERM-MS320R536-B Datasheet
153Kb / 1P
Circuit Protection Thermistors
MS320R536 AMETHERM-MS320R536_14 Datasheet
29Kb / 2P
Erin Landis
More results

Similar Description - MS3201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Vishay Siliconix
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
TFDU4301-TT1 VISHAY-TFDU4301-TT1 Datasheet
207Kb / 12P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.5, 08-Jul-09
TFDU4101 VISHAY-TFDU4101_V01 Datasheet
438Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4101 VISHAY-TFDU4101_07 Datasheet
273Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Rev. 1.2, 04-Dec-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com