Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCL527 Datasheet(PDF) 3 Page - Silvan Chip Electronics Tech.Co.,Ltd.

Part # SCL527
Description  OTP Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.

SCL527 Datasheet(HTML) 3 Page - Silvan Chip Electronics Tech.Co.,Ltd.

  SCL527 Datasheet HTML 1Page - Silvan Chip Electronics Tech.Co.,Ltd. SCL527 Datasheet HTML 2Page - Silvan Chip Electronics Tech.Co.,Ltd. SCL527 Datasheet HTML 3Page - Silvan Chip Electronics Tech.Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SCL527 OTP Encoder
SCL527 Rosc
data cycle:(Compatible:EV1527,RT1527,FP1527)
Rosc
TD:
12V
11V
10V
9V
8V
7V
6V
5V
4V
300K
1.34ms
1.37ms
1.41ms
1.45ms
1.5ms
1.57ms
1.66ms
1.79ms
1.99ms
330K
1.48ms
1.51ms
1.55ms
1.59ms
1.64ms
1.71ms
1.81ms
1.94ms
2.19ms
360K
1.71ms
1.75ms
1.79ms
1.84ms
1.91ms
1.99ms
2.11ms
2.27ms
2.53ms
390K
1.82ms
1.86ms
1.91ms
1.96ms
2.03ms
2.11ms
2.24ms
2.401ms
2.69ms
430K
2.035ms
2.085ms
2.135ms
2.195ms
2.265ms
2.365ms
2.505ms
2.705ms
3.01ms
SCL527 Schematic diagram:(Compatible:EV1527,RT1527,FP1527)
Silvan Chip Electronics Tech.Co.,Ltd.
Address: Fl.16 FuChang Building,Binhe Rd,Shenzhen,China
Phone:
86-0755-88291843
88304213
Fax : 86-0755-88290509
Email:
jja@sc-tech.cn
Http://
www.sc-tech.cn


Similar Part No. - SCL527

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCL5233E ALLEGRO-SCL5233E Datasheet
717Kb / 6P
2-FUCTION, 4-DIGIT VF AUTOMOTIVE CLOCKS
SCL5238E ALLEGRO-SCL5238E Datasheet
717Kb / 6P
2-FUCTION, 4-DIGIT VF AUTOMOTIVE CLOCKS
More results

Similar Description - SCL527

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X Datasheet
144Kb / 13P
OTP Encoder
logo
Silan Microelectronics ...
SC9314 SILAN-SC9314 Datasheet
108Kb / 5P
OTP ENCODER
logo
List of Unclassifed Man...
FP527 ETC2-FP527 Datasheet
367Kb / 2P
OTP Encoder
logo
Micon Design Technology...
MDT75C277 MDTIC-MDT75C277 Datasheet
272Kb / 7P
OTP Encoder
MDT75C275 MDTIC-MDT75C275 Datasheet
121Kb / 5P
OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X_09 Datasheet
121Kb / 13P
OTP Encoder
HT6P20X HOLTEK-HT6P20X_10 Datasheet
136Kb / 14P
OTP Encoder
logo
Silvan Chip Electronics...
EV1527 SILVAN-EV1527 Datasheet
92Kb / 3P
OTP Encoder
SC2240B SILVAN-SC2240B Datasheet
82Kb / 3P
OTP Encoder
SCT1527 SILVAN-SCT1527 Datasheet
120Kb / 3P
OTP Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com