Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCL527 Datasheet(PDF) 2 Page - Silvan Chip Electronics Tech.Co.,Ltd.

Part # SCL527
Description  OTP Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.

SCL527 Datasheet(HTML) 2 Page - Silvan Chip Electronics Tech.Co.,Ltd.

  SCL527 Datasheet HTML 1Page - Silvan Chip Electronics Tech.Co.,Ltd. SCL527 Datasheet HTML 2Page - Silvan Chip Electronics Tech.Co.,Ltd. SCL527 Datasheet HTML 3Page - Silvan Chip Electronics Tech.Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCL527 OTP Encoder
SCL527 Output format: (Compatible:EV1527,RT1527,FP1527)
Output data frame:
Preambl
e
C0 ~ C19 (1 million codes)
D0 D1 D2 D3
Preamble:
1
31
data (H):
3
1
data (L):
1
3
Define:
Ick=256clk
SCL527 K0~K3 combination Table
: (Compatible:EV1527,RT1527,FP1527)
K3
K2
K1
K0
D3
D2
D1
D0
0
0
0
1
0
0
0
1
0
0
1
0
0
0
1
0
0
0
1
1
0
0
1
1
0
1
0
0
0
1
0
0
0
1
0
1
0
1
0
1
0
1
1
0
0
1
1
0
0
1
1
1
0
1
1
1
1
0
0
0
1
0
0
0
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
1
1
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
1
1
0
1
1
1
1
0
1
1
1
0
1
1
1
1
1
1
1
1
SCL527 Absolute Maximum Rating: (Compatible:EV1527,RT1527,FP1527)
Symbol Parameter
Conditions
Rating
Unit
Vcc
Supply voltage
-0.3 ~ 13
V
VI
Input voltage
-0.3 ~ Vcc+0.3
V
Vo
Output voltage
-0.3 ~ Vcc+0.3
V
Tst
Storage temp
-40 ~ 125
Top
Operating temp
-20 ~ 70
Pdis
Max.power dissp
Vcc = 12V
300
mW
Silvan Chip Electronics Tech.Co.,Ltd.
Address: Fl.16 FuChang Building,Binhe Rd,Shenzhen,China
Phone:
86-0755-88291843
88304213
Fax :
86-0755-88290509
Email:
jja@sc-tech.cn
Http://
www.sc-tech.cn


Similar Part No. - SCL527

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCL5233E ALLEGRO-SCL5233E Datasheet
717Kb / 6P
2-FUCTION, 4-DIGIT VF AUTOMOTIVE CLOCKS
SCL5238E ALLEGRO-SCL5238E Datasheet
717Kb / 6P
2-FUCTION, 4-DIGIT VF AUTOMOTIVE CLOCKS
More results

Similar Description - SCL527

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X Datasheet
144Kb / 13P
OTP Encoder
logo
Silan Microelectronics ...
SC9314 SILAN-SC9314 Datasheet
108Kb / 5P
OTP ENCODER
logo
List of Unclassifed Man...
FP527 ETC2-FP527 Datasheet
367Kb / 2P
OTP Encoder
logo
Micon Design Technology...
MDT75C277 MDTIC-MDT75C277 Datasheet
272Kb / 7P
OTP Encoder
MDT75C275 MDTIC-MDT75C275 Datasheet
121Kb / 5P
OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X_09 Datasheet
121Kb / 13P
OTP Encoder
HT6P20X HOLTEK-HT6P20X_10 Datasheet
136Kb / 14P
OTP Encoder
logo
Silvan Chip Electronics...
EV1527 SILVAN-EV1527 Datasheet
92Kb / 3P
OTP Encoder
SC2240B SILVAN-SC2240B Datasheet
82Kb / 3P
OTP Encoder
SCT1527 SILVAN-SCT1527 Datasheet
120Kb / 3P
OTP Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com