Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 27 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 27 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 23Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 24Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 25Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 26Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 27Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 28Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 29Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 30Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 31Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
19
Track ID: JATR-1076-21
Rev. 1.1
7.8. Hardware Sound Effects
The Sound Effect block is composed of Pseudo Stereo, Spatial 3D and Equalizer blocks. The Pseudo
Stereo block is used to convert a MONO source into virtualized stereo output. The Spatial 3D block is a
surround sound generator with adjustable amplitude (Gain) and surround depth (Ratio). The Equalizer
block can be used to compensate for speaker response, or to make environment sound effects, e.g., ‘Pub’,
‘Live’, ‘Rock’,… etc..
7.8.1.
Equalizer Block
The Equalizer block cascades 5 bands of equalizer to compensate for speaker response and to emulate
environment sound. One high-pass filter cascaded in the front end is used to drop low frequency tone,
which has a larger amplitude and may damage a mini speaker.
The high-pass filter can also be used to adjust Treble strength with gain control. A low-pass filter with
gain control can adjust the Bass strength. Three bands of bi-quad bandpass filters are used to emulate
environment sounds.
To avoid internal PCM data sample saturation, the digital volume control has up to 18dB of attenuation
before the equalizer. A 0~+18dB digital gain after the equalizer is used to correct internal PCM data
output to a suitable level.
7.8.2.
Pseudo Stereo and Spatial 3D Sound
There are two spatial effects in post-processing; the Pseudo-Stereo Effect + Spatial Effect, and the Stereo
Expansion Effect. The Pseudo-Stereo Effect + Spatial Effect converts a MONO signal to a stereo signal
by changing the phase and amplitude of the original signal followed by enhancing the spatial effect. The
Stereo Expansion Effect enhances the spatial effect when the input signal is Stereo.
7.9. Odd-Addressed Register Access
The ALC5611 will return ‘0000h’ when odd-addressed and unimplemented registers are read.


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com