Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 24 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 24 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 20Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 21Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 22Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 23Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 24Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 25Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 26Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 27Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 28Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
16
Track ID: JATR-1076-21
Rev. 1.1
The ALC5611 speaker supports Class AB and Class D type amplifiers (set in Reg1C[13]:spk_out_sel).
As the voltage of SPKVDD is usually higher than AVDD, the driver should set the Class AB Vmid ratio
in Reg40[5:3], and the Class D Vmid ratio in Reg40[7:6] in order to extend the output level.
In class AB mode, for single stereo speaker solutions, SPK_OUT_R can select a different signal source
(SPKR Volume output or SPKL Volume output by Reg1C[14]) but SPK_OUT_RN only outputs SPKR
Volume Negative Output.
The SPK_OUT_L/R volume and mute are controlled by Reg02.
Reg3E[13:12]and Reg3E[9:8] can be used to power down SPK output.
Reg3C[14]: pow_clsab is used to power down Class AB output.
SPK_OUT_L/R supports the zero-cross detect function (enabled at Reg02[6][14]: sp_l_dezero/
sp_r_dezero).
7.5.5.2
Headphone Output
HP_OUT_L/R provides two-channel single-ended output. The HP_OUT_L/R source is set in
Reg1C[9][8]. Sources are shown below:
• Vmid
• Headphone mixer
The HP_OUT_L/R volume and mute are controlled by Reg04.
Reg3E[11]: pow_hp_l_vol and Reg3E[10]: pow_hp_r_vol can be used to power down the volume of HP
output.
HP_OUT supports the zero-cross detect function (enabled at Reg04[14][6]:hp_l_dezero/ hp_r_dezero).
7.5.5.3
MONO Output
MONO_OUT provide one-channel differential or single-ended output configured by Reg08[15]. The
MONO_OUT source is set in Reg1C[7:6]. Sources are shown below:
• Vmid
• Headphone mixer (L+R)
• Speaker mixer
• MONO mixer
The MONO_OUT volume and mute are controlled by Reg08.
Reg3E[14]: pow_MONO_out_vol can be used to power down the volume of MONO_OUT.
MONO_OUT supports the zero-cross detect function (enabled at Reg08[6]:MONO_dezero).


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com