Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 22 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 22 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 18Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 19Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 20Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 21Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 22Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 23Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 24Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 25Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 26Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
14
Track ID: JATR-1076-21
Rev. 1.1
7.5.4.
Analog Audio Input Path
The ALC5611 supports four Analog Audio Input paths:
• Line_IN_L/R
• PHONEP/N
• MIC1
• MIC2
7.5.4.1
Line Input
Line_In_L and Line_In_R provide 2-channel stereo single-ended input that can be mixed into the MONO
mixer, Headphone mixer, Speaker mixer, or the ADC record mixer.
The Line_In_L/R volume and mute are controlled by Reg0A. Reg3E[7:6] can be used to power down
Line_In volume control.
7.5.4.2
Phone Input
PHONEP/N provides one-channel MONO differential or single-ended input configured by Reg08[13]
that can be mixed into the ADC record mixer, or any analog output mixer except for the MONO mixer.
PHONEP is main input when differential mode is disabled.
The PHONEP/N volume and mute are controlled by Reg08. Reg3E[5:4] can be used to power down the
PHONEP/N volume control and mixer.
7.5.4.3
Microphone Input
MIC1P/N and MIC2P/N provide two-channel stereo differential or single-ended input via Reg10[12], [4],
that can be mixed into the ADC record mixer, or any analog output mixer. MIC1P and MIC2P are main
inputs when differential mode is disabled. MIC1N is pin-shared to AUX3 input.
The ALC5611 Microphone input boost provides 20/30/40dB boost, set by Reg22[11:10] (for MIC1), and
by Reg22[9:8] (for MIC2). The MIC1/2 volume and mute are controlled by Reg0E.
For detailed power management of MIC1/2, Reg3E[3][2] can be used to power down the MIC1/2 volume
control. Reg3E[1][0] can be used to power down MIC1/2 and mixer.


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com