Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 20 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 20 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 16Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 17Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 18Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 19Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 20Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 21Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 22Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 23Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 24Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
12
Track ID: JATR-1076-21
Rev. 1.1
7.5. Audio Data Path
7.5.1.
Stereo ADC
The stereo ADC is used for recording stereo sound.
The sample rate of the stereo ADC is independent of the stereo DAC sample rate.
In order to save power, the left and right ADC can be powered down separately by setting Reg3C [6], [7].
PR0=1 will disable both channels of the ADC.
The volume control of the stereo ADC is set via Reg12[11:7][4:0].
7.5.2.
Stereo DAC
The sample rate of the stereo DAC is controlled by Reg2C.
Reg0C[12:8][4:0] can be used to control the volume of DAC output.
7.5.3.
Mixers
The ALC5611 supports four mixers for all audio function requirements:
• Headphone mixer for 2 channels
• MONO mixer
• Speaker mixer
• ADC record mixer
7.5.3.1
Headphone Mixer
The headphone mixer is used to drive stereo output, including HP_OUT_L/R, SPK_OUT_L/R
(SPK_OUT_LN/RN) and MONO_OUT (MONO_OUTN). The output of the headphone mixer can be
input to the ADC record mixer.
The following signals can be mixed into the headphone mixer:
• LINE-IN_L/R (Controlled by Reg0A)
• PHONEP/N (Controlled by Reg08)
• MIC1P/N and MIC2P/N (Controlled by Reg22 & Reg10)
• Stereo DAC output (Controlled by Reg0C)
• ADC record mixer output (Controlled by Reg12 & Reg14).
Note: The headphone mixer can be powered down by setting Reg3C[5][4].


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com