Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 15 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 15 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 11Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 12Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 13Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 14Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 15Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 16Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 17Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 18Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 19Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
7
Track ID: JATR-1076-21
Rev. 1.1
Name
Type
Pin Description
Characteristic Definition
HP_OUT_L
O
39
Headphone Output Left Channel
Analog Output (1Vrms)
HP_OUT_R
O
41
Headphone Output Right Channel
Analog Output (1Vrms)
SPK_OUT_L
O
35
Speaker Output Left Channel
Analog Output (1.3Vrms, SPKVDD= 4.2V)
SPK_OUT_LN
O
33
Negative Speaker Output Left Channel
Analog Output (1.3Vrms, SPKVDD= 4.2V)
SPK_OUT_R
O
36
Speaker Output Right Channel
Analog Output (1.3Vrms, SPKVDD= 4.2V)
SPK_OUT_RN
O
37
Negative Speaker Output Right Channel
Analog Output (1.3Vrms, SPKVDD= 4.2V)
Total: 21 Pins
6.3. Filter/Reference
Table 3.
Filter/Reference
Name
Type
Pin Description
Characteristic Definition
MICBIAS
O
28
MIC BIAS Voltage Output
Programmable Analog DC Output with 3mA drive
VREF
O
27
Internal Reference Voltage
1µf capacitor to analog ground
Total: 2 Pins
6.4. Power/Ground
Table 4.
Power/Ground
Name
Type Pin Description
Characteristic Definition
DVDD1
P
1
Digital VDD
1.8V~3.6V (IO)
DGND1
P
4
Digital GND
-
DGND2
P
7
Digital GND
-
DVDD2
P
9
Digital VDD
1.8V~3.6V (Core)
TPVDD
P
13
Analog VDD for Touch Panel
2.3V~3.6V
TPGND
P
18
Analog GND for Touch Panel
-
AVDD1
P
25
Analog VDD
2.3V~3.6V
AGND1
P
26
Analog GND
-
SPKGND
P
34
Analog GND for Speaker Amps
-
SPKVDD
P
38
Analog VDD for Speaker Amps
3.0V~5V (for Ohm loading)
2.3V~5V (for kOhm loading)
HPGND
P
40
Analog GND for Headphone Amps
-
AGND2
P
42
Analog GND
-
HPVDD
P
43
Analog VDD for Headphone Amps
2.3V~3.6V
LFGND
P
49
Thermal Pad, Connect to SPKGND
-
Total: 14 Pins
Note: DVDD1 ≥ DVDD2, SPKVDD ≥ AVDD1, HPVDD ≥ AVDD1 ≥ DVDD2, TPVDD ≥ DVDD2.
Note: SPDVDD connect 10µF Capacitor to SPKVDD is required.


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com