Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 14 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 14 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 10Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 11Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 12Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 13Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 14Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 15Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 16Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 17Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 18Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
6
Track ID: JATR-1076-21
Rev. 1.1
6. Pin Descriptions
6.1. AC’97 Digital I/O Pins
Table 1.
AC’97 Digital I/O Pins
Name
Type Pin Description
Characteristic Definition
MCLK
I
2
Master Clock Input
Schmitt trigger
EXTCLK
IO
3
External Reference Clock Input/Output Output: VOL=0.1*DVDD, VOH=0.9*DVDD
Input: Schmitt trigger
SDATA_OUT
I
5
Serial TDM Data Input
Schmitt trigger
BIT_CLK
O
6
Bit Clock Output
VOL =0.1*DVDD, VOH =0.9*DVDD
SDATA_IN
O
8
Serial TDM Data Output
VOL =0.1*DVDD, VOH =0.9*DVDD
SYNC
I
10
48khz Synchronous Input Signal
Schmitt trigger
RESET#/
PENDOWN
I/O
11
H/W Reset Input
Pen-down Output
Schmitt trigger
GPIO1
IO
44
General Purpose Input And Output 1
GPIO: Input/Output
GPIO2/
IRQOUT
IO
45
General Purpose Input And Output 2 /
Interrupt Output
GPIO: Input/Output
IRQOUT: Output
GPIO3
IO
46
General Purpose Input And Output 3
GPIO: Input/Output
GPIO4
IO
47
General Purpose Input And Output 4
GPIO: Input/Output
GPIO5
IO
48
General Purpose Input And Output 5
GPIO: Input/Output
Total: 12 Pins
6.2. Analog I/O Pins
Table 2.
Analog I/O Pins
Name
Type
Pin Description
Characteristic Definition
AUX4/
MICBIAS2
IO
12
Auxiliary Input 4 /
MIC BIAS Voltage Output 2
Analog input (1Vrms) / Programmable
Analog DC Output with 3mA drive
X+
IO
14
Touch Panel Connect Input/Output
X+ for 4-wire panel
Y+
IO
15
Touch Panel Connect Input/Output
Y+ for 4-wire panel
X-
IO
16
Touch Panel Connect Input/Output
X- for 4-wire panel
Y-
IO
17
Touch Panel Connect Input/Output
Y- for 4-wire panel
PHONEP
I
19
Phone Positive Input
Analog Input (1Vrms)
PHONEN
I
20
Phone Negative Input
Analog Input (1Vrms)
MIC1P
I
21
First Mic Positive Input
Analog Input (1Vrms)
MIC1N/AUX3
I
22
First Mic Negative Input/ Auxiliary
Input 3
Analog Input (1Vrms)
MIC2P
I
29
Second Mic Positive Input
Analog Input (1Vrms)
MIC2N
I
30
Second Mic Negative Input
Analog Input (1Vrms)
LINE_IN_L
I
23
Line Input Left Channel
Analog Input (1Vrms)
LINE_IN_R
I
24
Line Input Right Channel
Analog Input (1Vrms)
MONO_OUT
O
31
Positive MONO Output
Analog Output (1Vrms)
MONO_OUTN
O
32
Negative MONO Output
Analog Output (1Vrms)


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Realtek Semiconductor C...
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com