Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 9 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 9 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 5Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 6Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 7Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 8Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 9Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 10Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 11Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 12Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 13Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
1
Track ID: JATR-1076-21
Rev. 1.1
1. General Description
The ALC5611 is a highly-integrated AC'97 interface audio codec with multiple input/output ports and a
4-wire touch panel controller.
The ALC5611 is designed for mobile computing and communications.
Stereo audio is supported via the AC’97 interface. To reduce component count, the device can connect
directly to:
• A 4-wire touch panel
• MONO or stereo differential analog inputs
• Stereo headphone
• Single-end or BTL MONO output
• MONO or Stereo Bridge-Tied Load (BTL) speaker
Multiple analog input and output pins are provided for seamless integration with analog connected
wireless communication devices. Differential input/output connections efficiently reduce noise
interference, providing better sound quality. Class-AB or Class-D amplifiers are easily swapped via
simple register configuration, and the 1 Watt speaker removes the need for an additional amplifier, further
cutting both cost and required board area. Additionally, a flexible hardware 5-band equalizer with
configurable gain, bandwidth, and center frequency, and enriches the sound experience.
ALC5611 Digital power operates at supply voltages from 1.8V to 3.6V. Analog power operates from
2.3V to 3.6V, and Speaker power operates from 2.3V to 5V. To extend battery life, each section of the
device can be powered down individually under software control. Leakage current in maximum power
saving state is less than 10µA.
The ALC5611 is available in a 7x7mm ‘Green’ QFN package, making it ideal for use in handheld
portable systems.


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com