Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 71 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 71 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 65Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 66Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 67Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 68Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 69Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 70Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 71Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 72Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 73Page - Realtek Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
63
Track ID: JATR-1076-21
Rev. 1.1
10. Application Circuits
AVDD
DVDD
SPKVDD
AVDD
AVDD
AVDD
DVDD
DVDD
DVDD
AC97_LINER
AC97_LINEL
AC97_MONO_OUTN
AC97_MONO_OUT
AC97_MIC1N
AC97_MIC1P
AC97_MIC2P
AC97_SPK_OUT_LN
AC97_SPK_OUT_L
AC97_SPK_OUT_RN
AC97_SPK_OUT_R
AC97_HP_OUT_R
AC97_HP_OUT_L
AC97_VSADC
AC97_PHONEN
AC97_PHONEP
AC97_XP
AC97_YP
AC97_XN
AC97_AUX3
AC97_LINEL
AC97_LINER
AC97_MIC1P
AC97_MIC1N
AC97_MIC2P
AC97_MIC2N
AC97_PHONEP
AC97_PHONEN
AC97_AUX4
AC97_MONO_OUT
AC97_MONO_OUTN
AC97_HP_OUT_L
AC97_HP_OUT_R
AC97_SPK_OUT_L
AC97_SPK_OUT_LN
AC97_SPK_OUT_R
AC97_SPK_OUT_RN
AC97_MIC_BIAS1
GPIO1
GPIO5
GPIO2/IRQ
GPIO4
GPIO3
AC97_MIC_BIAS2
AC97_YN
AC97_BITCLK
AC97_RESET
AC97_SYNC
AC97_SDOUT
AC97_SDIN
AC97_EXTCLK
AC97_MIC_BIAS2
AC97_MIC_BIAS1
BITCLK
SYNC
RESET
SPKVDD1
HPVDD1
AVDD1
TPVDD1
DVDD2
DVDD1
RESET
BEAD
FB16
C17
100P
C26
0.01u
BEAD
FB4
D1
PESD5V0S2BT
BEAD
FB5
C27
0.01u
C28
0.01u
C20
4.7u
C2
0.1u
POR1
RESET2
300/NC
C1
10u
RESET1
10k/NC
C31
4.7u
C22
4.7u
C9
10u
C21
0.1u
C8
0.1u
C4
100P
J6
MIC2_CON
C5
100P
HP_OUT1
Front
1
2
3
4
5
R2
0
R3
0
C29
100P
BEAD
RGND2
R15
5.6k
R4
0
C30
100P
J5
MIC1_CON
RGND1 NC
R6
100k
C42
1u
BEAD
FB1
R9
10K
C18
100P
C23
220u
R14
5.6k
C43
1u
C48
10u
BEAD
FB2
R1
0
C19
100P
C24
220u
R5
0
C36
0.1u
BEAD
FB6
D2
PESD5V0S2BT
BEAD
FB7
BEAD
FB11
C34
22p
C35
22p
BEAD
FB12
R8
4.7k
D6
PESD5V0S2BT
R7
4.7k
C37
22p
J1
MONO_CON
C44
100P
BEAD
FB8
BEAD
FB9
C45
100P
BEAD
FB13
BEAD
FB15
D5
PESD5V0S2BT
U1
OSC 24.576MHz
1
4
2
3
+C10
10u
J4
PHONE_CON
C11
0.1u
BEAD
FB3
R11
680
R13
680
C3
0.1u
C6
10u
R10
NA
C7
0.1u
C49
0.1u
D4
PESD5V0S2BT
C14
0.1u
C15
10u
J2
SPKL_CON
C38
1u
J3
SPKR_CON
C39
1u
C32
1u
C40
100P
R12
680
BEAD
FB10
C41
100P
C33
100P
U2-1
ALC5611
2
3
5
6
8
10
11
41
39
32
31
30
29
12
27
48
47
46
45
44
37
36
33
35
14
15
16
17
20
19
28
21
22
23
24
MCLK
EXTCLK
SDATA_OUT
BIT_CLK
SDATA_IN
SYNC
RESET_
HP_OUT_R
HP_OUT_L
MONO_OUTN
MONO_OUT
MIC2N
MIC2P
AUX4
VREF
GPIO5
GPIO4
GPIO3
GPIO2/IRQOUT
GPIO1
SPK_OUT_RN
SPK_OUT_R
SPK_OUT_LN
SPK_OUT_L
XPLUS
YPLUS
XMINUS
YMINUS
PHONEN
PHONEP
MICBIAS
MIC1P
MIC1N
LINE_IN_L
LINE_IN_R
LINE_IN1
1
2
3
4
5
C46
100P
C25
0.01u
C47
100P
C12
10u
C13
0.1u
D3
PESD5V0S1BA
BEAD
FB14
C16
100P
MONO_DIFF_OUT
MONON_DIFF_OUT
PHONEP_DIFF_IN
PHONEN_DIFF_IN
*NOTE: For SPKVDD by pass cap , C15>= 10u is necessary
SPK_OUT_L
SPK_OUT_R
Tied at one point only under the
codec or near the codec
BTL Output
Differential Input
Single_End Output
Single_End Input
DGND
AGND
P
N
Analog Stereo Input
P
N


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com