Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 64 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 64 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 60Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 61Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 62Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 63Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 64Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 65Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 66Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 67Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 68Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
56
Track ID: JATR-1076-21
Rev. 1.1
9.2. Analog Performance Characteristics
Table 83. Analog Performance Characteristics
Parameter
Min
Typ
Max
Units
Full Scale Input Voltage
Line Inputs
MIC Inputs (Non-Boost)
MIC Inputs (Boost 20dB)
ADC
-
-
-
-
1.0
1.0
0.1
0.7
-
-
-
-
Vrms
Vrms
Vrms
Vrms
Full Scale Output Voltage
MONO Outputs
Headphone Amplifiers Outputs
Speaker Amplifiers Outputs
-
-
-
1.0
1.0
1.3
-
-
-
Vrms
Vrms
Vrms
S/N Ratio
(A-weighted, HPL/R or MONO with 10K
Ω/50pF Load)
STEREO DAC
STEREO ADC
-
-
90
85
-
-
dB
dB
Total Harmonic Distortion + Noise
(A-weighted, HPL/R or MONO with 10K
Ω/50pF Load)
STEREO DAC
STEREO ADC
-
-
-85
-80
-
-
dB
dB
MIC Boost Amplifier
Gain=20dB
Gain=30dB
Gain=40dB
18
-
-
20
30
40
22
-
-
dB
dB
dB
Input Impedance (Gain=0dB, ADC Mixer=On/Off)
PHONEN (Differential Mode)
MIC1N, MIC2N (Differential Mode)
MIC1P, MIC2P
PHONEP
-
-
-
-
16
16
16
16
-
-
-
-
K
K
K
K
Input Impedance (Gain=0dB, ADC Mixer=On)
LINE_IN
12.8
16
19.2
K
Input Impedance (Gain=0dB, ADC Mixer=Off)
LINE_IN
25.6
32
38.4
K
Output Impedance
MONO_OUT
HP_OUT
SPK_OUT (Class AB)
SPK_OUT (Class D)
-
-
-
-
2
2
1
0.3
-
-
-
0.4
MONO_OUT Amplifier Output Power (32
Ω Load)
Single End Mode
BTL Mode
25
75
-
-
-
-
mW
mW
MONO_OUT Amplifier Quiescent Current (32
Ω load)/CH
-
700
-
µA
MONO_OUT Amplifier Efficiency (fIN=1kHz, 32Ω Load)
Single End Mode (Output Power=25mW)
BTL Mode (Output Power=75mW)
50
50
-
-
-
-
%
%


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com