Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 63 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 63 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 59Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 60Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 61Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 62Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 63Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 64Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 65Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 66Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 67Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
55
Track ID: JATR-1076-21
Rev. 1.1
9. Electrical Characteristics
9.1. DC Characteristics
9.1.1.
Absolute Maximum Ratings
Table 80. Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies
Digital IO Buffer
Digital Core
Analog
Touch Panel
Headphone
Speaker
DVDD1
DVDD2
AVDD
TPVDD
HPVDD
SPKVDD
-0.3
-0.3
-0.3
-0.3
-0.3
-0.3
-
-
-
-
-
-
3.63
3.63
3.63
3.63
3.63
71
V
V
V
V
V
V
Operating Ambient Temperature
Ta
-25
-
+85
oC
Storage Temperature
Ts
-55
-
+125
oC
Note 1: SPKVDD=5V with 3.5% duty cycle Power bouncing up to SPKVDD=8V is acceptable.
9.1.2.
Recommended Operating Conditions
Table 81. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Digital IO Buffer
DVDD1
1.8
3.3
3.6
V
Digital Core
DVDD2
1.8
3.3
3.6
V
Analog
AVDD
2.3
3.3
3.6
V
Touch Panel
TPVDD
2.3
3.3
3.6
V
Headphone
HPVDD
2.3
3.3
3.6
V
Speaker
SPKVDD1
2.3
3.3
5
V
Note 1: A 10µF Capacitor must be connected from SPKVDD to AGND, and should be placed as close as possible to the
SPKVDD pin of the ALC5611.
9.1.3.
Static Characteristics
Table 82. Static Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage Range
VIN
-0.30
-
DVDD+0.30
V
Low Level Input Voltage
VIL
-
-
0.35DVDD
V
High Level Input Voltage
VIH
0.65DVDD
-
-
V
High Level Output Voltage
VOH
0.9DVDD
-
-
V
Low Level Output Voltage
VOL
-
-
0.1DVDD
V
Input Leakage Current
-
-1
-
1
µA
Output Leakage Current (Hi-Z)
-
-1
-
1
µA
Output Buffer High Drive Current
-
-
22
-
mA
Output Buffer Low Drive Current
-
-
10
-
mA
VMID Internal Serial Resistor
-
25
50
75
K
VMID Internal Serial Resistor Ratio
-
95
100
105
%
Note: DVDD=3.3V, Tambient=25°C, with 50pF external load.


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com