Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 61 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 61 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 57Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 58Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 59Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 60Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 61Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 62Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 63Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 64Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 65Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
53
Track ID: JATR-1076-21
Rev. 1.1
Name
Bits
Read/Write
Reset State
Description
tp_slot_sel
5
RW
0’h
AC’97 Slot Select
0: Slot 5
1: Slot 6
tp_clk_div
4:2
RW
3’h
AUX ADC Clock Divider
000~010: Reserved
011: ÷64 (Default)
100: ÷80
101: ÷96
110: ÷112
111: ÷128
conversion_rate_sel
1:0
RW
0’h
Conversion Rate Select for No Delay Setting
00: 93.75Hz (512 frames)
01: 124.67Hz (384 frames)
10: 187.5Hz (256 frames)
11: 374Hz (128 frames)
8.62. Reg-76h: Touch Panel Control Byte 2
Default: 3F00h
Table 76. Reg-76h: Touch Panel Control Byte 2
Name
Bits
Read/Write
Reset State
Description
polling_trig
15
RW
0’h
Writing 1 initiates a measurement in polling mode. This
bit will self-clear when measured data is received
tp_adc_mode_sel
14
RW
0’h
Touch Panel ADC Data Mode Select During Position
Measurement
0: Polling mode
1: Continuous mode
pd_pullup_resistor_sel
13:8
RW
3F’h
Programmable Internal Pull-Up Resistor For Pen-down
Detection
000000: 1K Ohm
000001: 2K Ohm
000010: 3K Ohm
…………………
111111: 64KOhm
AUX_measure_en
7
RW
0’h
AUX Measurement
0: Disable
1: Enable
Reserved
6:4
R
0’h
Reserved
pressure_measure_en
3
RW
0’h
Pressure Measurement
0: Disable
1: Enable
y_measure_en
2
RW
0’h
Y Co-Ordinate Measurement
0: Disable
1: Enable
x_measure_en
1
RW
0’h
X Co-Ordinate Measurement
0: Disable
1: Enable
AUX_measure_sel
0
RW
0’h
AUX3/AUX4 Measure Selection
0: AUX4
1: AUX3


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com