Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 41 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 41 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 37Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 38Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 39Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 40Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 41Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 42Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 43Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 44Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 45Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
33
Track ID: JATR-1076-21
Rev. 1.1
8.19. Reg-3Eh: Power Management Addition 3
Default: 0000h
Table 31. Reg-3Eh: Power Management Addition 3
Name
Bits
Read/Write
Reset State
Description
Reserved
15
R
0’h
Reserved
pow_MONO_out_vol
14
RW
0’h
MONO_OUT Volume Control (Amp)
0: Disable
1: Enable
pow_spk_outln
13
RW
0’h
SPK_OUTLN Output (Enable Class AB & Class D)
0: Disable
1: Enable
pow_spk_outrn
12
RW
0’h
SPK_OUTRN Output (Enable Class AB & Class D)
0: Disable
1: Enable
pow_hp_l_vol
11
RW
0’h
HP_OUT_L Volume Control (Amp)
0: Disable
1: Enable
pow_hp_r_vol
10
RW
0’h
HP_OUT_R Volume Control (Amp)
0: Disable
1: Enable
pow_spk_l
9
RW
0’h
SPK_OUT_L Output (Enable Class AB & Class D)
0: Disable
1: Enable
pow_spk_r
8
RW
0’h
SPK_OUT_R Output (Enable Class AB & Class D)
0: Disable
1: Enable
pow_li_l_vol
7
RW
0’h
LINE_IN Left Volume Control
0: Disable
1: Enable
pow_li_r_vol
6
RW
0’h
LINE_IN Right Volume Control
0: Disable
1: Enable
pow_phone_vol
5
RW
0’h
PHONE Volume Control
0: Disable
1: Enable
pow_phone_admixer
4
RW
0’h
PHONE AD Mixer
0: Disable
1: Enable
pow_mic1_vol
3
RW
0’h
MIC1 Volume Control
0: Disable
1: Enable
pow_mic2_vol
2
RW
0’h
MIC2 Volume Control
0: Disable
1: Enable
pow_mic1_admixer
1
RW
0’h
MIC1 AD Mixer and Boost
0: Disable
1: Enable
pow_mic2_admixer
0
RW
0’h
MIC2 AD Mixer and Boost
0: Disable
1: Enable


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com