Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 36 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 36 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 32Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 33Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 34Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 35Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 36Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 37Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 38Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 39Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 40Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
28
Track ID: JATR-1076-21
Rev. 1.1
8.13. Reg-26h: Power Down Control/Status
Default: EF00h
Table 22. Reg-26h: Power Down Control/Status
Name
Bits
Read/Write
Reset State
Description
ac_pr7
15
RW
1’h
PR7
0: Normal
1: Power down Speaker Amplifier
ac_pr6
14
RW
1’h
PR6
0: Normal
1: Power down Headphone Out and MONO Out
ac_pr5
13
RW
1’h
PR5
0: Normal
1: Disable internal clock of AC’97 (Without PLL)
ac_pr4
12
RW
0’h
PR4
0: Normal
1: Power down AC-Link
Note: Though this bit is read as 1, write 1 to power
down the AC-Link
ac_pr3
11
RW
1’h
PR3
0: Normal
1: Power down Mixer (Vref/Vrefout off)
ac_pr2
10
RW
1’h
PR2
0: Normal
1: Power down Mixer (Vref/Vrefout are still on)
ac_pr1
9
RW
1’h
PR1
0: Normal
1: Power down STEREO DAC
ac_pr0
8
RW
1’h
PR0
0: Normal
1: Power down STEREO ADC, and input MUX
Reserved
7:4
R
0’h
Reserved. Read as 0
vref_status
3
R
0’h
Vref Status
1: Vref is up to normal level
0: Not yet up to normal level
analog_mixer_status
2
R
0’h
Analog Mixer Status
1: Ready
0: Not yet ready
dac_status
1
R
0’h
DAC Status
1: Ready
0: Not yet ready (Inverse of PR1)
adc_status
0
R
0’h
ADC Status
1: Ready
0: Not yet ready (Inverse of PR0)


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com