Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 32 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 32 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 28Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 29Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 30Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 31Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 32Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 33Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 34Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 35Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 36Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
24
Track ID: JATR-1076-21
Rev. 1.1
8.5. Reg-0Ah: LINE_IN Volume
Default: E808h
Table 14. Reg-0Ah: LINE_IN Volume
Name
Bits
Read/Write
Reset State Description
li2hp_mute
15
RW
1’h
Mute Volume Output to Headphone Mixer Control
0: On
1: Mute
li2spk_mute
14
RW
1’h
Mute Volume Output to Speaker Mixer Control
0: On
1: Mute
li2MONO_mute
13
RW
1’h
Mute Volume Output to MONO Mixer Control
0: On
1: Mute
li_l_vol
12:8
RW
08’h
LINE_IN Left Volume (NLV[4:0]) in 1.5dB Steps
Reserved
7:5
R
0’h
Reserved
li_r_vol
4:0
RW
8’h
LINE_IN Right Volume (NRV[4:0]) in 1.5dB Steps
Note: For NRV/NLV, 00h: +12dB gain
08h: 0dB attenuation
1Fh: 34.5dB attenuation
8.6. Reg-0Ch: STEREO DAC Volume
Default: E808h
Table 15. Reg-0Ch: STEREO DAC Volume
Name
Bits
Read/Write
Reset State
Description
dac2hp_mute
15
RW
1’h
Mute Volume Output to Headphone Mixer Control
0: On
1: Mute (-
∞dB)
dac2spk_mute
14
RW
1’h
Mute Volume Output to Speaker Mixer Control
0: On
1: Mute (-
∞dB)
dac2mono_mute
13
RW
1’h
Mute Volume Output to MONO Mixer Control
0: On
1: Mute (-
∞dB)
dac_l_vol
12:8
RW
08’h
Left DAC Volume (PLV[4:0]) in 1.5dB Steps
Reserved
7:5
R
0’h
Reserved
dac_r_vol
4:0
RW
8’h
Right DAC Volume (PRV[4:0]) in 1.5dB Steps
Note: For PRV/PLV,: 00h: +12dB gain
08h: 0dB attenuation
1Fh: 34.5dB attenuation
8.7. Reg-0Eh: MIC Volume
Default: 0808h
Table 16. Reg-0Eh: MIC Volume
Name
Bits
Read/Write
Reset State Description
Reserved
15:13
R
0’h
Reserved
mic1_vol
12:8
RW
08’h
MIC1 Volume (M1V[4:0]) in 1.5dB Steps
Reserved
7:5
R
0’h
Reserved
mic2_vol
4:0
RW
8’h
MIC2 Volume (M2V[4:0]) in 1.5dB Steps
Note: For M2V/M1V, 00h: +12dB gain
08h: 0dB attenuation
1Fh: 34.5dB attenuation


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com