Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5611-GR Datasheet(PDF) 30 Page - Realtek Semiconductor Corp.

Part # ALC5611-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5611-GR Datasheet(HTML) 30 Page - Realtek Semiconductor Corp.

Back Button ALC5611-GR Datasheet HTML 26Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 27Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 28Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 29Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 30Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 31Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 32Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 33Page - Realtek Semiconductor Corp. ALC5611-GR Datasheet HTML 34Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
ALC5611
Datasheet
AC’97 Audio Codec + Touch Panel Controller
22
Track ID: JATR-1076-21
Rev. 1.1
8. Mixer Registers List
Accessing odd numbered registers, or reading unimplemented registers, will return a 0.
8.1. Reg-00h: Reset
Default: 59B4h
Table 10. Reg-00h: Reset
Name
Bits
Read/Write
Reset State
Description
Reserved
15
R
0’h
Reserved. Read as 0
REG-00_b14_b10
14:10
R
16’h
SE[4:0]=10110b
REG-00_b9
9
R
0’h
No Support for 20-Bit ADC
REG-00_b8
8
R
1’h
Supports 16-Bit ADC
REG-00_b7
7
R
1’h
Supports 16-Bit DAC
REG-00_b6
6
R
0’h
No Support for 18-Bit DAC
REG-00_b5
5
R
1’h
Support for Loudness
REG-00_b4
4
R
1’h
Headphone Output Support
Reserved
3
R
0’h
Reserved
REG-00_b2
2
R
1’h
Supports EQ Control
Reserved
1
R
0’h
Reserved. Read as 0
REG-00_b0
0
R
0’h
Dedicated MIC PCM input is not supported. Can be for
touch panel ADC use
Note: Writes to this register will reset all registers to their default values except PLL related Register. The written data
will be ignored
8.2. Reg-02h: Speaker Output Volume
Default: 8080h
Table 11. Reg-02h: Speaker Output Volume
Name
Bits
Read/Write
Reset State
Description
sp_l_mute
15
RW
1’h
Mute Left Control
0: On
1: Mute Left Channel (-
∞dB)
sp_l_dezero
14
RW
0’h
Left Zero-Cross Detector Control
0: Disable
1: Enable
Reserved
13
R
0’h
Reserved. Read as 0
sp_l_vol
12:8
RW
0’h
Speaker Output Left Volume (SPKL[4:0]) in 1.5dB Steps
sp_r_mute
7
RW
1’h
Mute Right Control
0: On
1: Mute Right Channel (-
∞dB)
sp_r_dezero
6
RW
0’h
Right Zero-Cross Detector Control
0: Disable
1: Enable
Reserved
5
R
0’h
Reserved. Read as 0
sp_r_vol
4:0
RW
0’h
Speaker Output Right Volume (SPKR[4:0]) in 1.5dB Steps
Note: For SPKR/SPKL, 00h: 0dB attenuation
1Fh: 46.5dB attenuation


Similar Part No. - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GRT REALTEK-ALC5611-GRT Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5611-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com